PART |
Description |
Maker |
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD1583CRT-REEL7 AD1583ART-REEL7 AD1583BRT-REEL7 AD |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 2.5V Micropower, Precisions Series Mode Voltage References 3.0V Micropower, Precisions Series Mode Voltage References Voltage Reference, 2.7V to 12V Operating Supply, -5mA to 5mA Output Current 2.5 V to 5.0 V Micropower Precision Series Mode Voltage References 2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO3 4.096V Micropower, Precisions Series Mode Voltage References
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
NJU7021 NJU7021D NJU7021M NJU7021V NJU7022 NJU7022 |
OP-AMP, 10000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8 4.096-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 3-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-TO-92 -40 to 85 LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LT2078AIS8 LT2078ACS8 |
Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps DUAL OP-AMP, 330 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
ZR40401F50 ZR40401N850 ZR40401R50 ZR40402F50 ZR404 |
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO8 PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE 精密5.0伏微功耗电压参 PT 6C 6#20 SKT RECP PT 6C 6#20 PIN RECP
|
Zetex Semiconductor PLC Zetex Semiconductors
|
ADR5045 ADR5040 ADR5044 |
Precision Micropower Shunt Mode Voltage Reference Applications (5.0 V-out) Precision Micropower Shunt Mode Voltage Reference Applications (2.048 V-out) Precision Micropower Shunt Mode Voltage Reference Applications (4.096 V-out)
|
Analog Devices
|
MAX6161 MAX6161ESA MAX6162ESA MAX6163ESA MAX6164ES |
"Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References" Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.8 V, PDSO8 Precision / Micropower / Low-Dropout / High- Output-Current / SO-8 Voltage References
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AS7C33128PFS32_36B AS7C33128PFS32B AS7C33128PFS32B |
Sync SRAM - 3.3V 3.3V 128K X 32/36 pipeline burst synchronous SRAM LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 36 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
ZREF12Z ZREF12 ZREF12D |
PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PDSO8 PRECISION 1.25 VOLT MICROPOWER VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PSIP3
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|