PART |
Description |
Maker |
ISPLSI1032EA-170LT100 ISPLSI1032EA-200LT100 1032EA |
60 MHz in-system prommable high density PLD 170 MHz in-system prommable high density PLD 125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid; Number of Pairs:4 RoHS Compliant: Yes In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
DSP56374UM_D DSP56300FM_AD DSP56374 DSP56374PB_D |
a high-density CMOS device
|
FREESCALE[Freescale Semiconductor, Inc]
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
MACH210-12JC MACH210-15JC MACH210-20JC MACH210A-10 |
High-Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor] Advanced Micro Devices
|
CLA70000 |
High Density CMOS Gate Arrays
|
Zarlink Semiconductor
|
MACH110-12 MACH110-14 MACH110-15 MACH110-18 MACH11 |
High-Density EE CMOS Programmable Logic
|
Lattice Semiconductor AMD[Advanced Micro Devices]
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
IDT72V211110PFI IDT72V2111L15PF |
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 3.3伏高密度CMOS SUPERSYNC先进先出
|
Integrated Device Technology, Inc.
|
DSPA56371 |
The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
|
FREESCALE[Freescale Semiconductor, Inc]
|
CD22103A_02 CD22103A CD22103AD CD22103AE CD22103A0 |
CMOS HDB3 (High Density Bipolar 3 Transcoder for 2.048/8.448Mb/s Transmission Applications
|
INTERSIL[Intersil Corporation]
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
ISPLSI1016EA ISPLSI1016EA-100LJ44 ISPLSI1016EA-100 |
125 MHz in-system prommable high density PLD 100 MHz in-system prommable high density PLD In-System Programmable High Density PLD 200 MHz in-system prommable high density PLD
|
Lattice Semiconductor
|