PART |
Description |
Maker |
LT1370CR LT1370CR-PBF LT1370-15 |
500kHz High Efficiency
6A Switching Regulator 500kHz High Efficiency 6A Switching Regulator
|
Linear Technology
|
LT1766EFE-5-PBF LT1766EFE-5-TR LT1766EFE-5-TRPBF L |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MP1494 MP1494DJ |
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
|
Monolithic Power Systems
|
NB634EL NB634EL-LF-Z |
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
|
MPS Industries, Inc.
|
MP1474SGJ |
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
|
Monolithic Power System...
|
MPQ2314 |
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
|
Monolithic Power System...
|
MP28252 MP28252EL |
High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
|
Monolithic Power Systems
|
MP1471GJ |
High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
|
Monolithic Power System...
|
MC33166TVG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
ON Semiconductor
|