PART |
Description |
Maker |
CDP1822C CDP1822C3 FN2981 |
From old datasheet system High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
|
INTERSIL[Intersil Corporation]
|
LV2105V LV2105 |
530 MHz PLL Frequency Synthesizer LSI Bi-CMOS LSI
|
SANYO[Sanyo Semicon Device]
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LC895925 |
Signal Processing LSI for CD-R Drives CMOS LSI
|
Sanyo Semicon Device
|
KM684000LI KM684000LI-10 KM684000LI-10L KM684000LI |
512Kx8 bit CMOS static RAM, 85ns, low power Quadruple Bilateral Analog Switch 14-TSSOP -40 to 85 524288亩字× 8位高速CMOS静态RAM 524,288K WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 524288亩字× 8位高速CMOS静态RAM RES 1.6K-OHM 1% 0.063W 200PPM THK-FILM SMD-0603 TR-7-PA 512Kx8 bit CMOS static RAM, 100ns, low power 512Kx8 bit CMOS static RAM, 70ns, low power
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
KM684000A |
512Kx8 bit Low Power CMOS Static RAM(512K x 8浣?????CMOS ???RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
KM48V8100B |
8M x 8Bit CMOS Dynamic RAM with Fast Page Mode(8M x 8浣?CMOS ?ㄦ?RAM(甯?揩??〉妯″?))
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
CDP1822 CDP1822CD CDP1822CDX CDP1822CE CDP1822CEX |
256-Word x 4-Bit LSI Static RAM 256 X 4 STANDARD SRAM, 450 ns, PDIP22 256-Word x 4-Bit LSI Static RAM 256 X 4 STANDARD SRAM, 450 ns, CDIP22 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TC55V1664BJ-12 TC55V1664BFT-10 |
64K Word x 16 Bit CMOS Static RAM(64Kx 16 CMOS 静RAM) 64K Word x 16 Bit CMOS Static RAM(64K瀛?x 16 浣?CMOS ???RAM)
|
Toshiba Corporation
|
CDP18221 CDP1822E CDP1822 CDP1822C CDP1822CD CDP18 |
256-Word x 4-Bit LSI Static RAM
|
INTERSIL[Intersil Corporation]
|
KM44V4104BK KM44V4104B |
4M x 4Bit CMOS Dynamic RAM V(cc): -0.5 to 4.6V; 1W; 50mA; 4M x 4-bit CMOS dynamic RAM with extended data out
|
Samsung semiconductor Samsung Electronic
|