PART |
Description |
Maker |
PMB2331 |
The mixer used in this design is a general purpose up-/downconversion gilbert cell mixer
|
SIEMENS AG
|
ILC6382 ILC6382CIR-33 ILC6382CIR-50 ILC6382CIR-ADJ |
1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT 1节至3与真正的负载断开.3V或可调输V的电池升
|
IMPALA[Impala Linear Corporation]
|
BD99950MUV |
2 Cell / 3 Cell Narrow VDC Charger with SMBus Interface
|
ROHM
|
IMP525 |
Sing Single Cell Batt le Cell Batterery Powered Electroluminescent Lamp Driv er/Inverter(单节电池供电的电致发光(EL)灯驱动反相
|
IMP
|
MAX17048X005T10 MAX17048X004T10 MAX17048X001T10 MA |
Micropower 1-Cell/2-Cell Li ModelGauge ICs
|
MAXIM - Dallas Semiconductor
|
AT40K-FFT AT40K05LV AT40K20 AT40K20LV AT40K40 AT40 |
AT40K-FFT [Updated 8/98. 8 Pages] Fast fourier transform Intellectual Property Core for AT40K FPGAs From old datasheet system 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam. 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 20K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 40K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V) 10K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K - 50K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (3.3V) 5K Gate FPGA with DSP Optimized Core Cell and Distributed FreeRam (5V)
|
Atmel Corp
|
MAX17059G MAX17059GT10 MAX17058G MAX17058GT10 MAX1 |
1-Cell/2-Cell Li ModelGauge ICs
|
Maxim Integrated Products
|
DS2726 DS2726G DS2726GR DS2726GT |
5- to 10-Cell Li Protector with Cell Balancing
|
Maxim Integrated Products
|
HER306-T3 HER306-TB HER302-T3 HER302-TB HER308 HER |
3.0A HIGH EFFICIENCY RECTIFIER 3.0A的高效整 85000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 28000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 20000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
HDD60-48T512X HDD50-12D05P HDD50-12D05T HDD50-12D0 |
75W 960MHZ 26V NI780L 的DC - DC转换器的5060 3000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN DC - DC转换器的5060 1000000 SYSTEM GATE 1.2 VOLT FPGA DC - DC转换器的5060 DC-DC CONVERTER 50~60W DC - DC转换器的5060 XC2VP7-6FFG672C DC - DC转换器的5060 2000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 的DC - DC转换器的5060 DC-DC CONVERTER 50~60W 的DC - DC转换器的5060 6000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN ; Collector Emitter Voltage, Vceo:30V; Transistor Polarity:NPN; Power Dissipation:3.5W; C-E Breakdown Voltage:30V; DC Current Gain Min (hfe):300; Collector Current:400mA; Package/Case:TO-39
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
EPM7032SLC44-10 EPM7128ELC84-20 EPM7128ELC84-15 EP |
MAX 7000 Programmable Logic Device COMPLEX-EEPLD,128-CELL,10NS PROP DELAY,LDCC,84PIN,PLASTIC COMPLEX-EEPLD,128-CELL,15NS PROP DELAY,LDCC,84PIN,PLASTIC COMPLEX-EEPLD,128-CELL,20NS PROP DELAY,LDCC,84PIN,PLASTIC COMPLEX-EEPLD,32-CELL,10NS PROP DELAY,LDCC,44PIN,PLASTIC
|
N/A Altera Corp
|