PART |
Description |
Maker |
HD6432245FP-100B HD6472246FP-100B HD6432241TFP-100 |
32-Bit Microcontroller 32位微控制 IC MCU FLASH 8051 64K 5V 64-VQFP
|
Alliance Semiconductor, Corp. Omron Electronics LLC Industrial Automation
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
PUMA68S4000/I-45 PUMA68S4000/M-45 PUMA68S4000/AI-3 |
24MHZ, TQFP, IND TEMP, GREEN(MCU 5X) 33MHZ, PLCC, COM TEMP(MCU 5X) 8051 32K FLASH 4 TO 5.5V,PDIP,GREEN(MCU 5X) 24MHZ, PDIP, IND TEMP(MCU 5X) x32 SRAM Module 20MHZ, TSSOP, IND TEMP, 2.4-5.5V(MCU 5X) 24MHZ, TQFP, COM TEMP(MCU 5X) X32号的SRAM模块
|
L-com, Inc.
|
C8051F327 C8051F326 |
Full Speed USB, 16 kB Flash MCU Family (C8051F326 / C8051F327) Full Speed USB / 16k ISP FLASH MCU Family
|
ETC Silicon Laboratories
|
STM32F102CB |
Mainstream USB Access line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 48 MHz CPU, USB FS
|
STMicroelectronics N.V.
|
STR910F STR911F STR912F |
ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA(带Ethernet, USB, CAN, AC电动机控 4个定时器, ADC, RTC, DMA ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA(带CAN,USB,9xDMA,内部FLASH和RAM的ARM9E)
|
意法半导
|
STM32F102X8 STM32F102XB STM32F102R8T6 STM32F102RBT |
Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
|
STMicroelectronics
|
STM32F102R6T6XXX STM32F102C6T6AXXX STM32F102C4 STM |
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
|
STMicroelectronics
|
STM32L151VBH6A STM32L152VBH6A STM32L151R8H6ATR STM |
Ultra-low-power ARM Cortex-M3 MCU with 128 Kbytes Flash, 32 MHz CPU, USB Ultra-low-power Cortex-M3 MCU with 128 Kbytes Flash, RTC, LCD, USB Ultra-low-power ARM Cortex-M3 MCU with 64 Kbytes Flash, 32 MHz CPU, USB Ultra-low-power ARM Cortex-M3 MCU with 32 Kbytes Flash, 32 MHz CPU, USB
|
ST Microelectronics
|
AT89C5132-ROTIL |
USB Microcontroller with 64K Bytes Flash Memory
|
Atmel Corp.
|
AT89C5132 AT89S5132 |
USB C51-based Microcontroller with 64K Bytes Flash
|
Atmel
|
|