PART |
Description |
Maker |
AD8091 AD8092 AD8092ARM AD8091ART-REEL AD8091ART-R |
Low Cost , High-Speed Rail-to-Rail Amplifiers Enhanced 10-Bit, ADC with Flash Memory From old datasheet system Low-Cost, High-Speed Rail-to-Rail Amplifiers DUAL OP-AMP, 27000 uV OFFSET-MAX, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
MAX4237 MAX4237A MAX4237EUT-T MAX4237BESA MAX4237A |
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps OP-AMP, 340 uV OFFSET-MAX, 7.5 MHz BAND WIDTH, PDSO8 "SOT23, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" "8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" SOT23 Very High Precision 3V/5V Rail-to-Rail Op Amps "?8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (Unity Gain Stable)" SOT23 / Very High Precision / 3V/5V Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
KBPC1501 KBPC1504 KBPC15005 KBPC1508 |
Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125
|
DC Components Co., Ltd.
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
K4S64323LH-HN75 K4S64323LH K4S64323LH-FC1H K4S6432 |
2M X 32 SYNCHRONOUS DRAM, 7 ns, PBGA90 Dual Rail-To-Rail Micropower Operational Amplifier 8-PDIP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-TSSOP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM 512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 12k × 32Bit的4银行0FBGA移动SDRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
MAX9613AXTT MAX9615AXAT |
Low-Power, High-Efficiency, Single/Dual, Rail-to-Rail I/O Op Amps
|
Maxim Integrated Products
|
MAX4369 MAX4369EBL-T |
Dual, Rail-to-Rail, High-Output-Drive Op Amp in UCSP
|
Maxim Integrated Produc...
|
FAN4230 |
Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
AD8051 AD8052 AD8054 |
High-Speed, Low-Cost, Single, Rail-To-Rail Amplifier High-Speed, Low-Cost, Dual, Rail-To-Rail Amplifier High-Speed, Low-Cost, Quad, Rail-To-Rail Amplifier
|
Analog Devices
|
|