PART |
Description |
Maker |
MIC2800-G4SYML MIC2800-A4SYML MIC2800-G7SYML MIC28 |
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
|
Micrel Semiconductor
|
LT1962-3.3 LT1962-1.5 LT1962-1.8 |
300mA, Low Noise, Micropower LDO Regulators(3.3V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.5V输出,300mA, 低噪微功低压差输出稳压器) 300mA, Low Noise, Micropower LDO Regulators(1.8V杈??,300mA, 浣??澹?寰????浣??宸???虹ǔ???)
|
Linear Technology Corporation
|
AM1S-0505S AM1S AM1S-1209S AM1S-0503S AM1S-1224S A |
From old datasheet system Voltage Regulator IC; Output Current:300mA; Output Voltage:1.8V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:1.8V Voltage Regulator IC; Output Current:300mA; Output Voltage:3.3V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:3.3V 1 watt dc-dc converters 1瓦的DC - DC转换 Linear Voltage Regulator IC; Output Current Max:300mA; Supply Voltage Max:6V; Package/Case:8-MSOP; Current Rating:300mA; Leaded Process Compatible:No; Output Voltage Max:2.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Package/Case:8-MSOP; Output Current:300mA; Output Voltage:2.5V; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:2.5V RoHS Compliant: No
|
Aimtec ETC Electronic Theatre Controls, Inc.
|
AAT3242 AAT3242ITP-WN-T1 AAT3242ITP-TR-T1 AAT3242I |
300mA/150mA Dual CMOS LDO Linear Regulator 300mA/150mA LDO线性稳压器的CMOS
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|
MIC5330 MIC5330-1.8_1.5YML MIC5330-1.8_1.6YML MIC5 |
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RF Power Field Effect Transistor Microcontroller Dual, High Performance 300mA UCap ULDO Dual, 300mA UCap LDO in 2mm x 2mm MLF
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] BITECH FREESCALE
|
AIC1734-18 AIC1734-33 AIC1734-18CUTR AIC1734-20CUT |
300mA Low Dropout Linear Regulator CAP, ELEC, 330UF, 50V 300mA低压差线性稳压器 300mA Low Dropout Linear Regulator 300mA低压差线性稳压器 DIODE STD REC 1600V 85A DO-5
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Intergrations Co...
|
3-540-068 3660038000 3761021000 |
BOX SEALED ABS ((NS)) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GEHAEUSE惠益分享德克尔马格劳122X120X40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GEHAEUSE惠益分享德克尔马运输200X120X60
|
CTS, Corp. Air Cost Control
|
LT1962 LT1962EMS8 LT1962EMS8-2.5 LT1962EMS8-3 LT19 |
300mA/ Low Noise/ Micropower LDO Regulators 300mA, Low Noise, Micropower LDO Regulators From old datasheet system
|
LINER[Linear Technology]
|
RT9170 RT9170-12GB RT9170-12GV RT9170-12GX RT9170- |
300mA, 15μA Quiescent Current CMOS LDO Regulator 300mA, 15レA Quiescent Current CMOS LDO Regulator
|
Richtek Technology Corporation
|
4016505 4006203 4006202 4006201 4665000 4565000200 |
MITRE JOINT TYPE 2 FOR S40 TEE NUTS N-M6 FOR S30 TEE NUTS N-M5 FOR S30 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100 2M LENGTH S40 CONNECTOR L FOOT M10 S40 CONNECTION FOOT M8 FOOT M12 S80 CONNECTION F40X120 2M LENGTH F100X100 CON. PLATE M12 TEE NUTS F-M4 FOR S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FR30接线 Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits F50X100脚节能。板头M8 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 脚连接板M10驱 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 尖括 S30 BASE ANGLE FOR S40 底角的S40 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 一S80最适合切割成一定长 F40G CUT TO LENGTH F40G切成需要的长度
|
TE Connectivity, Ltd. Amphenol, Corp. Henkel Corporation / Loctite NXP Semiconductors N.V. Glenair, Inc. Avago Technologies, Ltd. Harwin PLC
|
2SC4631LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 300mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|