PART |
Description |
Maker |
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
2SC4414 |
NPN Epitaxial Planar Silicon Transistors Low-Frequency Power Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
MJE13002 MJE13003 |
1.400W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 1.500A Ic, 8 - 40 hFE. NPN EPITAXIAL SILICON POWER TRANSISTORS
|
Continental Device India Limited
|
FMMTA06 |
NPN Med Power Transistor NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
EMF5XV6T5 EMF5XV6T5G |
Power Management Dual Transistors Power Management, Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
MJ10009 MJ10009_D ON1969 |
From old datasheet system 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
MJ2500 MJ2501 |
Silicon PNP Power Transistors Silicon NPN Power Transistors
|
Savantic, Inc.
|