PART |
Description |
Maker |
MR18R1628EG0-CM8 MR16R1628EG0-CK8 MR16R162GEG0-CK8 |
From old datasheet system CONN HEADER 20POS DL PCB 30GOLD Key Timing Parameters 关键的定时参 CONN HEADER 18POS DL PCB 30GOLD 关键的定时参
|
Samsung Electronic SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
0678005001 678005001 |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm (.063") PCB, with PCB Loc
|
Molex Electronics Ltd.
|
0903250016 90325-0016 |
1.27mm (.050) Pitch Picoflex? PF-50 Header, Vertical, Low Profile, with PCB Pegs, 16 Circuits 1.27mm (.050) Pitch Picoflex庐 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 16 Circuits 1.27mm (.050) Pitch Picoflex垄莽 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 16 Circuits
|
Molex Electronics Ltd.
|
0903250026 90325-0026 |
1.27mm (.050) Pitch Picoflex? PF-50 Header, Vertical, Low Profile, with PCB Pegs, 26 Circuits 1.27mm (.050) Pitch Picoflex庐 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 26 Circuits 1.27mm (.050) Pitch Picoflex垄莽 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 26 Circuits
|
Molex Electronics Ltd.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
A-41681-B02A208 |
KK 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 2 Circuits, 0.38um Gold KK? 396 PCB Header, Breakaway, Vertical, Polarizing Wall, 2 Circuits, 0.38μm Gold
|
Molex Electronics Ltd.
|
0194280002 19428-0002 |
5.84mm (.230) Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, 16Circuits 5.84mm (.230") Pitch MX150L垄芒 Vertical PCB Header, Dual Row, Standard Profile, 16Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
B71N4XXXX |
(B71Nxxxx) Header / PCB Mount
|
Amerace Electronic Components
|
14600 |
Header / Box Receptacle - PCB Mount
|
Framatome Connectors International
|
0903250012 903250012 |
1.27mm (.050) Pitch Picoflex? PF-50 Header, Vertical, Low Profile, with PCB Pegs, 12 Circuits 1.27mm (.050) Pitch Picoflex垄莽 PF-50 Header, Vertical, Low Profile, with PCB Pegs, 12 Circuits
|
Molex Electronics Ltd.
|
39512-1002 |
3.81mm Pitch Eurostyle Horizontal PCB Header
|
Molex Electronics Ltd.
|
39512-1005 |
3.81mm Pitch Eurostyle Horizontal PCB Header
|
Molex Electronics Ltd.
|
|