PART |
Description |
Maker |
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
AD652 AD652AQ AD652BQ AD652JP AD652KP AD652SW AD65 |
36V; 50mA; monolithic synchronous voltage-to-frequency converter From old datasheet system VOLTAGE-TO-FREQUENCY CONVERTER,DIP,16PIN
|
Analog Devices Inc Analog Devices, Inc.
|
ICL7662IBD ICL7662 |
Voltage Inverter, 5V, Input 4.5-20V, or Voltage Doubler to 38.6V CMOS Voltage Converter
|
INTERSIL
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
TC7662BEOA TC7662BCOA TC7662B TC7662BCPA TC7662BEP |
The TC7662B is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 15V input to a corresponding – 1.5 to – 15V output using only two low-cost capacitors, eliminating i Analog IC - Datasheet Reference CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
HPR1000 HPR1001 HPR1002 HPR1003 HPR1004 HPR1005 HP |
1.0 Watt unregulated DC/DC converter. Nom.input voltage 12Vdc, rated output voltage 5Vdc, rated output current 200mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 24Vdc, rated output voltage -15Vdc, rated output current -34mA. 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 1-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 WATT UNREGULATED SIP DC/DC CONVERTER 2-OUTPUT 1 W DC-DC UNREG PWR SUPPLY MODULE 1.0 Watt unregulated DC/DC converter. Nom.input voltage 5Vdc, rated output voltage 12Vdc, rated output current 83mA. 1.0 Watt unregulated DC/DC converter. Nom.input voltage 15Vdc, rated output voltage -15Vdc, rated output current -34mA.
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|
5962-8968302HXX 5962-8968303HXX 5962-8968303HZX 59 |
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump 800mA, 2MHz, PWM DC-to-DC Step-Down Converter with Reset DC-to-DC Voltage Converter 型DC - DC电压转换
|
Rochester Electronics, LLC
|
AD650AD AD650K AD650 AD650SD AD650S AD650A AD650B |
Voltage-to-Frequency and Frequency-to-Voltage Converter VOLTAGE-FREQUENCY CONVERTER, 1 MHz, CDIP14
|
Analog Devices, Inc. AD[Analog Devices]
|
OWS5812 |
25 Watt, input voltage range:20-60V, output voltage 12V (2.1A) DC/DC converter
|
Power-One
|