PART |
Description |
Maker |
CY7C1347G-133BGC CY7C1347G-133BGI CY7C1347G-133BGX |
4-Mbit (128K x 36) Pipelined Sync SRAM
|
Cypress Semiconductor
|
CY7C1223H CY7C1223H-133AXC CY7C1223H-133AXI CY7C12 |
2-Mbit (128K x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
IDT71V25761 IDT71V25781 IDT71V25781S166PF IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.5 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.3 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.1 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消
|
Integrated Device Technology, Inc.
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
CY7C1334H-133AXC CY7C1334H-133AXI CY7C1334H-166AXC |
2-Mbit (64K x 32) Pipelined SRAM with NoBL?/a> Architecture 2-Mbit (64K x 32) Pipelined SRAM with NoBLArchitecture 2-Mbit (64K x 32) Pipelined SRAM with NoBL Architecture 2-Mbit (64K x 32) Pipelined SRAM with NoBL⑩ Architecture
|
Cypress Semiconductor Corp.
|
IS61LPS25618A-250B2 IS61LPS25618A-250B2I IS61LPS25 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 32 CACHE SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA119 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 32 CACHE SRAM, 3.1 ns, PQFP100
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
SST29VE010-200-4I-EHE SST29VE010-200-4I-WHE SST29V |
1 Mbit (128K x8) Page-Write EEPROM 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32 1 Mbit (128K x8) Page-Write EEPROM 128K X 8 EEPROM 3V, 150 ns, PDSO32 1 Mbit (128K x8) Page-Write EEPROM 128K X 8 EEPROM 3V, 200 ns, PDSO32
|
Silicon Storage Technology, Inc.
|
CY7C1386D-250AXC ICY7C1387D-167BGI ICY7C1387D-167B |
18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
TC55V4336FF-100 |
128K Word x 32 Bit Synchronous Pipelined Burst Static RAM(128K 瀛?32浣??姝ョ?????查???RAM)
|
Toshiba Corporation
|
|