PART |
Description |
Maker |
29LV160C-55R 29LV160C-70 29LV160C-90 MX29LV160CTMI |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 70 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 70 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd. PROM MACRONIX INTERNATIONAL CO LTD
|
K3N5C1000E-DGCTC K3N5C1000E-DC120 |
16M-Bit (2Mx8 /1Mx16) CMOS MASK ROM Data Sheet
|
Samsung Electronic
|
MX29LV160BBTC-70 MX29LV160BTTC-70 MX29LV160B MX29L |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MCNIX[Macronix International]
|
MX29LV160BXBI-70 MX29LV160TXBI-70 MX29LV160ABXBI-7 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|48PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | BGA封装| 48PIN |塑料 EEPROM|FLASH|1MX16/2MX8|CMOS|TSSOP|48PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | TSSOP封装| 48PIN |塑料
|
Electronic Theatre Controls, Inc. Macronix International Co., Ltd.
|
MX26LV160AB MX26LV160ABMC-55 MX26LV160ABMC-70G MX2 |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
|
MCNIX[Macronix International]
|
MX29LV017AXEI-90 MX29LV017A MX29LV017ATC-70 MX29LV |
16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
|
ETC[ETC]
|
MX29LV017BTI-70G MX29LV017BTC-70G |
16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 2M X 8 FLASH 3V PROM, 70 ns, PDSO40
|
Macronix International Co., Ltd.
|
MX29LV161TTC-70 MX29LV161TTC-90R MX29LV161TTC-70R |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1A 20V Schottky Rectifier; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 10000 1A 20V Schottky Rectifier; Package: SOD-123FL 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 1M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Macronix International Co., Ltd. http://
|
BS62LV1605FI BS62LV1605FC BS62LV1605EIP70 BS62LV16 |
From old datasheet system Asynchronous 16M(2Mx8) bits Static RAM Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM2米x 8 Very Low Power/Voltage CMOS SRAM 2M X 8 bit 非常低功电压CMOS SRAM米x 8 LM5080 Modular Current Sharing Controller; Package: MINI SOIC; No of Pins: 8 非常低功电压CMOS SRAM米x 8
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
BS616LV1626TI BS616LV1622TC-55 BS616LV1622TC-70 BS |
Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable LM4922 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4921 Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20 非常低功电压CMOS SRAM00万16M × 8位开 LM4921? Low Voltage I 2 S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control; Package: MICRO SMD; No of Pins: 20
|
Brilliance Semiconducto... http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
A82DL1642 A82DL16X2T A82DL1622 A82DL1632 A82DL1632 |
Reed Switch; Pull-In Amp Turns Max:25; Pull-In Amp Turns Min:16; Circuitry:SPST-NO; Switching Current Max:1A; Switching Voltage Max:200VDC; Mounting Type:PCB; Body Length:13.5mm; Breakdown Voltage Min:250VDC Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash 堆叠式多芯片封装(MCP)闪存和SRAM,A82DL16x2T(ü)16兆位Mx8 Bit/1Mx16位)的CMOS 3.3伏只,同时闪电行
|
AMIC Technology Corporation AMIC Technology, Corp.
|