PART |
Description |
Maker |
2MBI150PC-140 |
Silver Mica Capacitor; Capacitance:33pF; Capacitance Tolerance: /- 5%; Series:CM05; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:No RoHS Compliant: No IGBT MODULE ( P-Series )
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
PS205KVP8.2PF/-2PFR16 PS405KVP1000PF/-10N2200 PS20 |
CAPACITOR, CERAMIC, 0.0000082 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.001 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000033 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00033 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00039 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00047 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000047 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00002 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000022 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000027 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.0000056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.0000068 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00012 uF, CHASSIS MOUNT
|
Vishay Intertechnology, Inc.
|
2MBI150NE-120 |
Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:15uF; Capacitance Tolerance: /- 20%; ESR:600mohm; Leaded Process Compatible:Yes RoHS Compliant: Yes IGBT MODULE ( N series )
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
80C186EC 80C188EC 80L186EC 80L188EC 80C186EC20 80C |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 CAPACITOR 4700UF 16V CAPACITOR 4700UF 16V; CAPACITANCE:4700UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:ZLH; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
Intel Corp. Intel, Corp.
|
TD62501 TD62501F TD62501P TD62504F TD62504P TD6250 |
From old datasheet system Ceramic Disc Capacitor; Capacitance:3900pF; Capacitance Tolerance: /- 20%; Series:VY2; Voltage Rating:330VDC; Capacitor Dielectric Material:Ceramic 7 SINGLE DRIVER 7单一驱动程序
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
RD28F1602C3B110 RD28F1602C3BD70 RD28F1604C3BD70 RD |
CAPACITOR, BESTCAP 33 MILLI FARAD 7V CAPACITOR, BESTCAP 33 MILLI FARAD 7V; CAPACITANCE:33MF; VOLTAGE RATING, DC:7V; CAPACITOR DIELECTRIC TYPE:ELECTRONIC; SERIES:BESTCAP; TEMP, OP. MAX:75(DEGREE C); TEMP, OP. MIN:-20(DEGREE C); RoHS Compliant: Yes 3 VOLT INTEL Advanced BootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye SPECIALTY MEMORY CIRCUIT, PBGA66
|
Intel Corp. Intel, Corp. Intel Corporation
|
BD5323FVE-TR BD5323G-TR BD5240G-TR BD5242G-TR BD52 |
Free Delay Time Setting CMOS Voltage Detector IC Series Delay time controlled by extemal capacitor Free Delay Time Setting CMOS Voltage Detector IC Series Delay Time Controlled by external Capacitor, Two output types Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
|
Rohm
|
FPX66XXXXXJ FPX86X0205J |
(FPX Series) Capacitor
|
Thomson
|
REC15 REC15-4824SRWBZ REC15-1205DRWB REC15-1205DRW |
CAPACITOR, 1000UF 16V CAPACITOR, 1000UF 16V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to C; Capacitance:47uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:16VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:100uF RoHS Compliant: Yes ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
MC9S12KG64 9S12KT256DGV1 MC9S12KC64CPU |
Silver Mica Capacitor; Capacitance:13000pF; Capacitance Tolerance: 5%; Series:CD30; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No 微控制器 MC9S12KT256 Device User Guide Microcontrollers
|
飞思卡尔半导体(中国)有限公司 Freescale Semiconductor, Inc
|
5297 |
BNC M/F With DC-Blocking Series Capacitor
|
Pomona Electronics
|
|