PART |
Description |
Maker |
MA600ERU |
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MA1000RU |
4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
B2001RU B2012RU B2014RU B2015RU B2017RU B2011RU B2 |
4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers B2000RU SERIES
|
MicroPower Direct, LLC
|
D133D D131D |
Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
TP1124 TP1126 TP1125 TP1122 TP1123 TP1101 TP1102 T |
(TP1101 - TP1108) Single/Dual and Triple Output DC-DC Converters 25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS CONNECTOR ACCESSORY 连接器附
|
List of Unclassifed Manufacturers Total Power International ETC[ETC] Electronic Theatre Controls, Inc.
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|
5962-8757203IA 5962-8757203BA 5962-8757201DA |
Analog Comparator Single/Dual, Very Fast TTL Latched Output Comparators Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators
|
|
FDD03-05D FDD03-05D1 FDD03-05D2 FDD03-XXX FDD03-15 |
DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT 直流-直流转换2 - 3W DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
SA8026 SA8026DH |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5GHz low voltage fractional-N dual frequency synthesizer
|
NXP Semiconductors
|
MAX450807 MAX4508ESE MAX4508EPE MAX4508CPE MAX4508 |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers with Output Clamps DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
|
Maxim Integrated Products, Inc.
|
RP10-123.3SE06 RP10-1205SEM2 RP10-1205SEN RP10-120 |
10 Watt 2x 1Package Single & Dual Output 10 Watt 2?x 1?Package Single & Dual Output 10 Watt 2” x 1” Package Single & Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|