PART |
Description |
Maker |
IS28F020BL |
262144 x 8 SmartVoltage Boot Block Flash Memory
|
Integrated Silicon Solution
|
28F200CV-B 28F200BV-T 28F200CV-T PA28F400CV-T80 28 |
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY USB 2.0 Cables; Connector Type A:USB Type A Male; Connector Type B:USB Type B Male; Cable Length:10ft; Approval Bodies:UR, CSA; Contact Material:Platinum; Wire Size (AWG):28-24 POWERLINE: RP30-S_DEW - 4:1 Wide Input Voltage Range- 30 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 88% POWERLINE: RP40-S_D_TE - 2:1 Wide Input Voltage Range- 40 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Design Meet Safety Standard- Standard 76.2 x66.0x10.2mm Package- Efficiency to 90% LAMP FILAMENT 14V 16MM SWITCH OPERATOR RECT 1 OR 2 POLE 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 2兆位SmartVoltage启动块闪存系 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 5V PROM, 110 ns, PDSO48 2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 1M X 8 FLASH 5V PROM, 60 ns, PDSO48
|
Intel Corporation http:// Intel Corp. Intel, Corp.
|
IS28F004BL IS28F004BVT-80TI IS28F004BLV IS28F004BV |
524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
|
ISSI[Integrated Silicon Solution, Inc]
|
LH28F002SCH LH28F002SCH-L LH28F002SCN-L12 LH28F002 |
2-MBIT (256KB x 8) smart voltage flash memory 2-MBIT(256KBx8) SmartVoltage Flash MEMORY 2-MBIT (256 KB x 8) SmartVoltage Flash Memory
|
Sharp Electrionic Components
|
M5M5256CP-10LL M5M5256CP-10XL M5M5256CP-85LL M5M52 |
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word8位)的CMOS静态RAM 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word位)的CMOS静态RAM 262144-bit (32768 x 8-bit) CMOS static RAM, 85ns 262144-bit (32768 x 8-bit) CMOS static RAM, 100ns
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M5M5256DFP-10VLL-I M5M5256DFP-10VXL-I M5M5256DFP-1 |
From old datasheet system 262144-BIT CMOS STATIC RAM 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word位)的CMOS静态RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
HN27C4000G-10 HN27C4000G HN27C4000G-15 |
524288-Word 8-Bit/262144-Word X 16-Bit CMOS UV Erasable and Programmable ROM 524288词?8-Bit/262144-Word x 16位的CMOS紫外线可擦除只读存储 524288-Word ?8-Bit/262144-Word X 16-Bit CMOS UV Erasable and Programmable ROM
|
Hitachi,Ltd. Hitachi Semiconductor
|
LH28F008SCH LH28F008SCH-L |
8-MBIT (1 MB x 8) SmartVoltage Flash MEMORY 8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
|
Sharp Electrionic Components
|
LH28F800BGHETL85 LH28F800BGHBTL85 |
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
|
SHARP
|
LH28F800SG LH28F800SG-L |
8 M-bit (512 kB x 16) SmartVoltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
LH28F008SCH-V |
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY 8兆位1字节× 8)SmartVoltage闪存
|
Sharp Electrionic Compo... Sharp, Corp.
|