PART |
Description |
Maker |
HDSP-5523-GG000 HDSP-5523-GH000 HDSP-K121-DE000 HD |
HDSP-5523-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5523-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K121-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5601-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5703-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5607-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5508-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K123-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5623-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5721-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5603-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5701-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5621-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H153-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H151-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
HDSP-F201-00000 HDSP-F201-00016 HDSP-F2000016 HDSP |
7 SEG NUMERIC DISPLAY, RED, 10 mm 7 SEG NUMERIC DISPLAY, YELLOW, 10 mm 7 SEG NUMERIC DISPLAY, ORANGE, 10 mm 10 mm (0.40 inch) Seven Segment Displays 10毫米.40英寸),七段显示 10 mm (0.40 inch) Seven Segment Displays 10毫米0.40英寸),七段显示 TERM. F/O CABLE SC-SC/ DPLX/RISER/10M/ORANGE Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs; Package: QSOP; No of Pins: 20; Container: Rail Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs; Package: QSOP; No of Pins: 20; Container: Tape & Reel MTP-LC (12) FANOUT ASSY MM, 3 M MTP-LC (12) FANOUT ASSY MM, 5 M HDSP-G301 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G303 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F151-MN000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F201-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F301-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201-EF000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F203-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F303-DE000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F503-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G503-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F157 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F207-DE000 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F401 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F403 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F407 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F408 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F501 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G203 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F201 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F507 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F203 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F207 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F208 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F508 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F301 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F303 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G401 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F307 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F308 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F501-JK000 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F503 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G201 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G403 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G501 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G503 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F158 · 10 mm (0.4 inch) Overflow Character Displays HDSP-F153 · 10 mm (0.4 inch) Seven Segment Displays HDSP-F151 · 10 mm (0.4 inch) Seven Segment Displays HDSP-G153 · 10 mm (0.4 inch) Seven Segment Displays
|
AGILENT TECHNOLOGIES INC Avago Technologies, Ltd. Fujitsu, Ltd. Electronic Theatre Controls, Inc. Toshiba, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
PE4542 |
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
|
Pasternack Enterprises, Inc.
|
HPB5082-7740 HP5082-7740 HDSP-460X 5082-7610 5082- |
7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HV5530PG-M919 HV5530PJ-G |
EL DISPLAY DRIVER, PQCC44 0.653 X 0.653 INCH, 0.180 INCH HEIGHT, 1.27 MM PITCH, GREEN, PLASTIC, LCC-44
|
Supertex, Inc.
|
PE44303 |
MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
|
Pasternack Enterprises, Inc.
|
PE44396 |
N Female Connector Solder Attachment Thru Hole PCB, .400 inch x .062 inch Hole Spacing
|
Pasternack Enterprises,...
|
PE4180 |
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
|
Pasternack Enterprises, Inc.
|
K100305 K100305-15 |
ALL DIMENSIONS IN MM [INCH] All DIMENSION IN MM[INCH]
|
E-SWITCH
|