PART |
Description |
Maker |
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LM340A LM340AT-5 7806 LM340AT-24 7808 7812 MC7808A |
16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 15 V FIXED POSITIVE REGULATOR, PSFM3 THREE-TERMINAL POSITIVE VOLTAGE REGULATORS 三端电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 V FIXED POSITIVE REGULATOR, PSSO2 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 6-A, 2.2V to 5.5V Input, Non-Isolated, Wide Output, Adjustable Power Module with TurboTrans 10-DIP MODULE -40 to 85 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 16-A, 4.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 11-DIP MODULE -40 to 85 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85 THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
http:// MOTOROLA INC ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc
|
AS2732 AS2730 AS2733T-5.0 AS2731T-5.0 AS2730T-5.0 |
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(3A高电低压差稳压器(快速响应,可调和固定输出)) 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2
|
Sipex Corporation
|
LT1085 |
3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
|
First Components Intern...
|
LD29080PT18R |
800 mA fixed and adjustable output very low drop voltage regulator
|
ST Microelectronics
|
MAX6329YLUTT MAX6329ZLUTT MAX6349YHUTT MAX6329SPUT |
FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 SOT-23, 6 PIN 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.36 V DROPOUT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
SPX2810 SPX2810AM3 SPX2810AM3-1.5 SPX2810AM3-2.5 S |
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1A Low Dropout Positive Linear Regulator 1A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
SIPEX[Sipex Corporation]
|
LT1117CST-2.85 LT1117CST-3.3 LT1117-3.3 LT1117-5 L |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA的低压差可调和固定工作在2.85V.3VV的正稳压 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V/ 3.3V/ 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V 3.3V 5V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AS2810YU-X |
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1A低压差线性稳压器可调
|
Cypress Semiconductor, Corp.
|
FAN1084T FAN1084D FAN1084D33 FAN1084MC33 FAN1084T1 |
4.5A Adjustable/Fixed Low Dropout Linear Regulator 4.5A Adjustable Low Dropout Voltage Regulator (LDO) 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 4.5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|