PART |
Description |
Maker |
3DD4242D |
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
JILIN SINO
|
2SK2604 |
N CHANNEL MOS TYPE (HGIH SPEED/ HIGH VOLTAGE SWITCHIN/ SWITCHING REGULATOR APPLICATIONS) N CHANNEL MOS TYPE (HGIH SPEED, HIGH VOLTAGE SWITCHIN, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
APT33GF120B2RD APT33GF120LRD |
Fast IGBT & FRED 1200V 52A The Fast IGBT is a new generation of high voltage power IGBTs. The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBTis a new generation of high voltage power IGBTs.
|
Advanced Power Technology Ltd.
|
APT40GF120JRD |
The Fast IGBTis a new generation of high voltage power IGBTs ⑩的快速IGBT是一种高压IGBT的新一 The Fast IGBT is a new generation of high voltage power IGBTs Fast IGBT & FRED 1200V 60A
|
Advanced Power Technology, Ltd.
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
BYV95C |
Fast Recovery Pack: SOD-57 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.5A
|
Gulf Semiconductor
|
BYV36CGP BYV36EGP BYV36DGP BYV36AGP |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE?00 - 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
BYV26EGP-15 |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE?000V CURRENT: 1.0A
|
Gulf Semiconductor
|
RU4JMG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT:2.0A
|
Gulf Semiconductor
|
BYT56M |
Fast Recovery Pack: SOD-64 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE?000V CURRENT: 3.0A
|
Gulf Semiconductor
|
RGP30J-B RGPB30J |
Fast Recovery Pack: G3 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
|
Gulf Semiconductor
|
1N4933GP 1N4934GP 1N4935GP 1N4936GP 1N4937GP |
Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|