PART |
Description |
Maker |
2N7002LT3 2N7002LT1 L2N7003LT1 |
Small Signal MOSFET 115 mAmps 60 Volts Small Signal MOSFET 115 mAmps/ 60 Volts Small Signal MOSFET 115 mAmps, 60 Volts 小信号MOSFET 115 mAmps0伏特
|
http:// LRC[Leshan Radio Company] Leshan Radio Company, Ltd.
|
2N7000RLRPG 2N7000G 2N7000ZL1G |
Small Signal MOSFET 200 mAmps 60 Volts
|
ON Semiconductor
|
L2N7002DMT1G L2N7002DMT3G |
Small Signal MOSFET 115 mAmps, 60 Volts N?Channel SC?4
|
Leshan Radio Company
|
VN2410L-D |
Small Signal MOSFET 200 mAmps, 240 Volts N-Channel TO-92
|
ON Semiconductor
|
BS107A BS107ARL1G |
Small Signal MOSFET 250 mAmps, 200 Volts N.Channel TO.92
|
ON Semiconductor
|
VN2406L-D |
Small Signal MOSFET 200 mAmps, 240 Volts N-Channel TO-92
|
ON Semiconductor
|
SI4488DY-T1-E3 |
TRANSISTOR 3500 mA, 150 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal Trans MOSFET N-CH 150V 3.5A 8-Pin SOIC N
|
Vishay Siliconix
|
BUZ40B BSP372 BSP373 BSS129 BSS101 SN7000 BSS135 |
8 A, 500 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 TO-220, 3 PIN SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 130 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 250 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 80 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Infineon Technologies AG SIEMENS AG SIEMENS A G
|
BS108ZL1 BS108/D BS108-D |
Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level N-Channel TO-92 Fast Recovery Glass Passivated Rectifier Diodes
|
ON Semiconductor
|
BS108ZL1 BS108 BS108ZL1G BS108G |
Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level N-Channel TO-92(250mA,200V,小信号,逻辑电平,N-沟道增强型MOS场效应管(TO-92封装
|
ONSEMI[ON Semiconductor]
|
SI3440DV-T1 |
1200 mA, 150 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
VISHAY SILICONIX
|
BSS129-TR1 |
150 mA, 230 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
VISHAY SILICONIX
|
|