PART |
Description |
Maker |
V23826-C18-C63 V23826-C18-C363 |
IC LOGIC 1G02 SINGLE 2-INPUT POSITIVE-NOR GATE -40 85C SOP-5 - OBSOLETE SM 155 Mbd ATM/SDH/SONET Transceiver Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver 单模155 MBd的ATM SDH / SONET1x9收发
|
Infineon Technologies AG
|
V23806-A84-C42XX |
SM 155 Mbd ATM/SDH/SONET Transceiver
|
Infineon
|
HFCT-5964TG HFCT-5964TL HFCT-5964NG HFCT-5964NL HF |
HFCT-5964ATG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/o EMI Shield HFCT-5964ATL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/ EMI Shield HFCT-5964NG · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964NL · 155 Mbit/s SMF (40km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield HFCT-5964TG · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5964TL · 155 Mbit/s SMF (15km) 2x10 TTL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield ATG Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-3 /SDH STM-1 Part of the Agilent METRAK family
|
Agilent (Hewlett-Packard) NEL[Nel Frequency Controls,inc]
|
V23826-H18-C363 V23826-H18-C63 SCDUPLEXIR1X933V |
Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, SC Duplex Connector, 3.3 V, DC/DC coupling DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver 直流/直流 V/3.3五)单模622 MBd的ATM SDH / SONET1x9收发
|
INFINEON[Infineon Technologies AG]
|
HFCT-5201A HFCT-5201C HFCT-5201D HFCT-5201B |
HFCT-5201C · 155 Mb/s SMF Transceiver for ATM, SONET OC-3/SDH STM-1 -40C to 85C Blue Case HFCT-5201B · 155 Mb/s SMF Transceiver for ATM, SONET OC-3/SDH STM-1 0C to 70C Black Case HFCT-5201D · 155 Mb/s SMF Transceiver for ATM, SONET OC-3/SDH STM-1 0C to 70C Blue Case HFCT-5201A · 155 Mb/s SMF Transceiver for ATM, SONET OC-3/SDH STM-1 -40C to 85C Black Case 155 Mb / s的ATM的单模光纤收发器SONET的OC-3/SDH的STM - 1 - 40C5C蓝案 155 Mb / s的ATM的单模光纤收发器SONET的OC-3/SDH的STM - 1 0C0C黑色外壳 155 Mb / s的ATM的单模光纤收发器SONET的OC-3/SDH的STM - 1 0C0C蓝案 155 Mb / s的ATM的单模光纤收发器SONET的OC-3/SDH的STM - 1 - 40C5C黑色外壳 155 Mb/s SMF Transceiver for ATM. SONET OC-3/SDH STM-1 0C to 70C Black Case 155 Mb/s SMF Transceiver for ATM. SONET OC-3/SDH STM-1 0C to 70C Blue Case 155 Mb/s SMF Transceiver for ATM. SONET OC-3/SDH STM-1 -40C to 85C Blue Case 155 Mb/s SMF Transceiver for ATM. SONET OC-3/SDH STM-1 -40C to 85C Black Case
|
Agilent (Hewlett-Packard)
|
HFCT-5205M |
155 Mb/s Single Mode Fiber Transceiver for ATM, SONET OC-3/SDH STM-1(应用于ATM, SONET OC-3/SDH STM-155 Mb/s单模式光收发
|
Agilent(Hewlett-Packard)
|
HFCT-5215B HFCT-5215D |
155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(应用于ATM, SONET OC-3/SDH STM-1 (L1.1)55 Mb/s单模式激光收发器) 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(搴??浜?TM, SONET OC-3/SDH STM-1 (L1.1)??55 Mb/s??ā寮????????)
|
Agilent(Hewlett-Packard)
|
HFCT-5805 HFCT-5805A HFCT-5805C HFCT-5805D HFCT-58 |
155 MB/S SINGLE MODE FIBER OPTIC TRANSCEIVER FOR ATM, SONET OC-3/SDH STM-1 HFCT-5805A · 155 Mb/s SMF (15km) 1x9 3.3V Transceiver for ATM, SONET OC-3 -40C to 85C Black Case HFCT-5805B · 155 Mb/s SMF (15km) 1x9 3.3V Transceiver for ATM, SONET OC-3 0C to 70C Black Case HFCT-5805C · 155 Mb/s SMF (15km) 1x9 3.3V Transceiver for ATM, SONET OC-3 -40C to 85C Blue Case HFCT-5805D · 155 Mb/s SMF (15km) 1x9 3.3V Transceiver for ATM, SONET OC-3 0C to 70C Blue Case
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HFBR-5208 |
1300 nm LED Transceiver for ATM, SONET/SDH 622 Mb/s and General Purpose 155 - 650 Mb/s(应用于ATM, SONET/SDH 622 Mb/s通用155 - 650 Mb/s300 nm LED收发
|
Agilent(Hewlett-Packard)
|
V23806-A8-C1 |
Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 10 dB 155 MBd 1x9 Transceiver 多模1300纳米发光快速以太网/光纤分布式数据介 ATM0分贝55 MBdx9收发 MM 155 MBd FE/FDDI/ATM Transceiver
|
INFINEON[Infineon Technologies AG]
|
AC/ACSDTTLEXT.TEMP ACACTTL2X5IR |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21/ 15 km,, 2x5, LC connector, with collar, -40C...85C Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21/ 15 km, 2x5, LC Connector, with collar
|
Infineon
|
V23826-H18-C13 V23826-H18-C63 V23826-H18-C53 V2382 |
TRANSCEIVER, XFO SM 622 MBd ATM/SDH/SONET Transceiver
|
INFINEON TECHNOLOGIES AG
|