PART |
Description |
Maker |
FQP7N80C FQPF7N80C |
CONN 26POS 2MM SOCKET R/A PC MT 800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET CONN 26POS 2MM SOCKET STR PC SMD 6.6 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
NDD03N80Z |
Power MOSFET 800V 4.5 Ohm Single N-Channel
|
ON Semiconductor
|
STP8NK80ZFP STP8NK80Z STW8NK80Z |
N-CHANNEL 800V - 1.3ohm - 6.2A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道800V 1.3ohm - 6.2A TO-220/TO-220FP/TO-247齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 1.3ohm - 6.2A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 1.3 OHM - 6.2A TO-220/TO-220FP/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N - CHANNEL POWER MOSFET N-CHANNEL 800V - 1.3 OHM - 6.2A TO-220/TO-220FP/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB12NK80Z STB12NK80ZT4 STP12NK80Z |
N-CHANNEL 800V 0.65 OHM 10.5A TO-220/D2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL MOSFET with FAST DIODE
|
ST Microelectronics
|
STP12NK80Z 9567 |
N-CHANNEL 800V 0.65 OHM 10.5A TO-220/D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET From old datasheet system
|
STMicroelectronics
|
STD3NK80Z STF3NK80Z STP3NK80Z STD3NK80Z-1 STD3NK80 |
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3.8W -.5a TO-220/FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3.8 OHM - 2.5A TO-220/FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQPF3N80C FQP3N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD2N80 FQU2N80 FQD2N80TF FQD2N80TM FQU2N80TU |
800V N-Channel MOSFET TRANSISTOR|MOSFET|N-CHANNEL|800VV(BR)DSS|1.8AI(D)|TO-252AA
800V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STP12NK80Z STB12NK80ZT4 STB12NK80Z STW12NK80Z |
N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET N沟道800V 0.65欧姆- 10.5A20 / D2PAK封装/47齐纳保护SuperMESH功率MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|