PART |
Description |
Maker |
MMFT2955E MMFT2955E-D MMFT2955ET1 MMFT2955ET1G MMF |
Power MOSFET 1 Amp, 60 Volts P-Channel(1A锛?0V锛?娌??澧?己?????OS?烘?搴??) Power MOSFET 1 Amp, 60 Volts P-Channel(1A60V,P沟道增强型功率MOS场效应管) Power MOSFET 1 Amp, 60 Volts P-Channel SOT-223
|
ON Semiconductor
|
NTP27N06 NTB27N06 NTB27N06T4 |
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 27 Amps, 60 Volts N?Channel TO?220 and D2PAK Power MOSFET 27 Amps / 60 Volts NChannel TO220 and D2PAK LASER MOD 670NM .95MW MVP ROUND LASER MOD 635NM 4.9MW VHK ROUND 27 A, 60 V, 0.046 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTD3055-150-D NTD3055-150/D |
Power MOSFET 9.0 Amps60 Volts Power MOSFET 9.0 Amps, 60 Volts N-Channel DPAK
|
ON Semiconductor
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
MTW32N20E MTW32N20E-D |
Power MOSFET 32 Amps, 200 Volts N-Channel TO-247 Power MOSFET 32 Amps, 200 Volts(32A,200V的功率MOSFET)
|
ON Semiconductor
|
MMFT960T106 MMFT960T1 MMFT960T1G |
Power MOSFET 300 mA, 60 Volts; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 1000 300 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-261AA Power MOSFET 300 mA, 60 Volts N−Channel SOT−223
|
ON Semiconductor
|
MMBF2202PT1 MMBF2202P |
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323 Power MOSFET 300 mAmps / 20 Volts P−Channel SC/SOT
|
ON Semiconductor
|
MMSF10N03Z MMSF10N03Z_D ON2249 |
SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS 10000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET From old datasheet system Medium Power Surface Mount Products
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
NTD40N03RT4G NTD40N03R NTD40N03R-1 NTD40N03R-1G NT |
Power MOSFET 45 Amps, 25 Volts 32 A, 25 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
BSS138LT1 |
N-CHANNEL POWER MOSFET Power MOSFET 200 mAmps, 50 Volts
|
WILLAS ELECTRONIC CORP
|
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
|