PART |
Description |
Maker |
MX26C2000BQI-15 MX26C2000BTC-10 MX26C2000BTI-10 MX |
DIODE SCHOTTKY 15V 2X35A TO247AD SWITCH PB SPST-NO .4VA SOLDERLUG CONNECTOR ACCESSORY 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 IC HALF BRIDGE DRVR HS 2A 16-DIP 256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
MX26C2000B MX26C2000BMC-10 MX26C2000BMC-12 MX26C20 |
2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
|
MCNIX[Macronix International]
|
MX26C1000A 26C1000A |
1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM From old datasheet system
|
Macronix 旺宏
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
AS29F040 AS29F040-120LC AS29F040-150LC AS29F040-15 |
5V 512K x 8 CMOS flash EEPROM, access time 70ns 5V 512K x 8 CMOS flash EEPROM, access time 55ns 5V 512K x 8 CMOS flash EEPROM, access time 90ns
|
ALSC[Alliance Semiconductor Corporation]
|
PEB2045 PEB2045K PEB2045-NVA3 PEB2045-PVA3 PEF2045 |
MTSC (Memory Time Switch CMOS) From old datasheet system Memory Time Switch CMOS (MTSC)
|
Infineon
|
UT28F256 UT28F256T-45UPX 5962F9689103QXA 5962F9689 |
Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). 320 x 240 pixel format, LED or CFL Backlight Recalibration Service for 2120B B&K Oscilloscope Oscilloscope; Scope Type:Analog; Scope Bandwidth:30 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:12ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm Recalibration Service for 2125A B&K Oscilloscope Radiation-Hardened 32K x 8 PROM 辐射加固32K的8胎膜早破 Recalibration Service for 2120B B&K Oscilloscope 辐射加固32K的8胎膜早破 Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish solder. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 40ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish optional. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class Q. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-hardenet 32K x 8 PROM: SMD. Class V. 45ns acces time, TTL inputs, CMOS/TTL compatible outputs. Lead finish gold. Total dose 3E5 rads(Si). Radiation-Hardened 32K x 8 PROM
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc. NEC, Corp. Aeroflex Circuit Techno...
|
CDP6818A |
CMOS Real Time Clock
|
Harris Semiconductor
|
TC544096 |
CMOS One Time Programmable ROM
|
Toshiba
|
CDP6818 |
CMOS Real Time Clock
|
Harris Semiconductor
|
CDP1879CD1X CDP1879CE1 CDP1879C-1 CDP1879E |
CMOS Real-Time Clock
|
http://
|
CB-1038D-38 CB-1047D-20 CB-1023B-78 CB-1003B-70 CB |
CB series CMOS IC Time Delay Relay
|
http:// Tyco Electronics
|