PART |
Description |
Maker |
ST72361 ST7236107 ST72F361 |
8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI(具有ICP,IAP,Nested Interrupt,TLI,ROP,带LIN功能位MCU) 8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI垄芒
|
意法半导 STMicroelectronics
|
STR755FV1T6 STR755FR2 STR755FV2 STR755FV0T6 STR755 |
ARM7TDMI-S32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 的ARM7TDMI - S2位微控制器的闪存,新措施性病16位定时器,PWM定时器,快速的10位ADC和I2C,UART的,过磷酸钙,USB和CAN ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
意法半导 STMicroelectronics N.V.
|
ST72T311R6T1 ST72T311R6T1S ST72T311R6T3 ST72T311R6 |
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
STMicroelectronics
|
ST72E511R9G0 |
ST72311R/ST72511R/ST72532R - 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC,16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics
|
ST72561 ST72561AR6 ST72561AR9 ST72561J6 ST72561J9 |
8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85
|
意法半导
|
ST62E08BB1/EPROM ST62E08BB3/EPROM ST62E08BB6/EPROM |
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST6208C/ST6209C/ST6210C/ST6220C - 8-BIT MCUS WITH A/D CONVERTER,TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
|
ST Microelectronics
|
CA20-600 CD20-600 CA44-703 CB44-703 CA26-700A |
5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface Very low drop voltage regulators with inhibit SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
|
ITT, Corp.
|
ST72C215G2B6 ST72C215G2M6_TR ST72C215G2M6 ST72254G |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI,
|
STMicroelectronics
|
ST72104G1B6/XXX ST72215G2B7/XXX ST72254G1B6/XXX ST |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
|
STMicroelectronics 意法半导 http://
|
ST72324K6 ST72324K4B6 ST72324K4 ST72324K2T3 ST7232 |
p8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMicroelectronics
|
|