PART |
Description |
Maker |
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
M38034 M3804 M38034M4-059FP M38037M6-133FP M38047M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 SENSOR SST 12MM ZERO SPEED Single Chip 8 Bits Microcomputer(8位单片机)
|
Mitsubishi Electric Semiconductor Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
ISD1210 ISD1212 |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒))
|
Winbond Electronics Corp
|
LC66406A LC66665308A |
6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
|
Sanyo Semicon Device http://
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
M38B57MCH-G222FP M38B59MFH-E107FP M38B59MFH-E110FP |
SENSOR SST 5/8 HALL EFFECT 单芯位CMOS微机 RES,Carbon Film,51Ohms,350WV,5 /-% Tol 单芯位CMOS微机 Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
LC5851 LC5851N |
Four-Bit Single-Chip Microcontroller with On-Chip LCD Drivers for Small-Scale Control in Medium-Speed Applications Small-Scale Control, Medium Speed Type, On-Chip LCD Driver 4-Bit Single Chip Microcomputer
|
SANYO[Sanyo Semicon Device]
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
HD64F3048 H8/3045 H8/3047 HD643304X H8/3048 HD6433 |
(HD64 Series) Hitachi Single-Chip Microcomputer HEADER, 3 POS, 0.100INC, STRT, SNGL Hitachi Single-Chip Microcomputer 日立单片
|
Hitachi Semiconductor Hitachi,Ltd.
|