PART |
Description |
Maker |
CE77 |
Semicustom CMOS Embedded array
|
Fujitsu Limited
|
CS81 |
Semicustom CMOS Standard cell
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 AT |
ASIC 专用集成电路 From old datasheet system The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TC14L TC11L TC11L003 TC11L007 TC14L040 TC11L005 TC |
7 K usable gate, 1.0 micron, CMOS gate array 300 usable gate, 1.5 micron, CMOS gate array 700 usable gate, 1.5 micron, CMOS gate array 4 K usable gate, 1.0 micron, CMOS gate array 500 usable gate, 1.5 micron, CMOS gate array
|
Toshiba Semiconductor
|
PALCE16V8H-5SC PALCE16V8H-5SI PALCE16V8H-5SI4 PALC |
CAP 47PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 47PF 200V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE CMOS 20-Pin Universal Programmable Array Logic 电子工程的CMOS 20引脚通用可编程阵列逻辑 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 20 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PQCC20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 25 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PQCC20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 15 ns, PDIP20 EE CMOS 20-Pin Universal Programmable Array Logic EE PLD, 20 ns, PQCC20 CAP 47PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR 电子工程的CMOS 20引脚通用可编程阵列逻辑 CAP 47PF 100V 5% NP0(C0G) SMD-1206 SN-NIBAR SPECIAL PKG 电子工程的CMOS 20引脚通用可编程阵列逻辑 8 BIT MCU W/8K FLASH
|
Advanced Micro Devices, Inc. Lattice Semiconductor, Corp. ADVANCED MICRO DEVICES INC
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AM28F512A AM28F512A-90PIB AM28F512A-120EC AM28F512 |
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory with Embedded Algorithms 512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
|
AMD[Advanced Micro Devices]
|
EPF10K30EQC208-3 EPF10K130EFC484-1 EPF10K200E EPF1 |
Embedded Programmable Logic Device IC,FPGA,216-CELL,CMOS,QFP,208PIN,PLASTIC
|
ALTERA[Altera Corporation]
|
PALCE16V8 PALCE16V8H-10JC PALCE16V8H-10JC4 PALCE16 |
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic EE CMOS 20-Pin Universal Programmable Array Logic
|
Lattice Semiconductor AMD[Advanced Micro Devices]
|
SDED5-001G-NAT |
mDOC H3 Embedded Flash Drive (EFD) featuring Embedded TrueFFS? Flash Management Software
|
Sanken electric
|
TC140G |
CMOS Gate Array
|
Toshiba
|
HG62E22 HG62E58 HG62E101 HG62E11 HG62E130 HG62E15 |
CMOS GATE ARRAY
|
HITACHI[Hitachi Semiconductor]
|