PART |
Description |
Maker |
ADREF01 ADREF02 |
(ADREF01 / ADREF02) 10 5 Volt Reference
|
Analog Devices
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
MCC[Micro Commercial Components]
|
MFK2807D/883 MFK2805S/883 MFK2805D/883 MFK2812D/88 |
MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ?25 Watt
|
Interpoint Corporation ...
|
AS1329B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
PS2805C-4-V-F3 PS2805C-4-V-F3-A PS2805C-1-V-F3-A P |
HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
|
California Eastern Labs
|
MC10H131 MC10H131FN MC10H131L MC10H131P ON0753 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 双D型主从触发器 Dual D Type Master-Slave Flip-Flop From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
MC10H160 MC10H160FN MC10H160L MC10H160P MC10H160M |
12-Bit Parity Generator-Checker Dual In/Single Out Autoswitching Power MUX, Auto Sw, Adj. Cur Limit, Adj. Vol Threshold, Sw Status 8-TSSOP -40 to 85 Autoswitching Power Mux 8-SON -40 to 85 10H SERIES, 12-BIT PARITY GENERATOR/CHECKER, TRUE OUTPUT, CDIP16
|
ONSEMI[ON Semiconductor]
|