PART |
Description |
Maker |
RS63 RS20P/G RS20P/GGN RS20P/GWH RS20P/GGY RS32 |
Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
|
Cooper Bussmann, Inc.
|
ST72T311J4B6 ST72T311J4T3 ST72T311J4B6S |
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS CAP, FUSE, FLUSH MOUNT; Current, fuse rating:16A; Approval category:UL Recognised; Temp, op. max:70(degree C); Temp, op. min:-25(degree C); Approval Bodies:CSA, SEMKO, VDE; Colour:Black; Current rating:16A; Diameter, body:9.2mm; RoHS Compliant: Yes FUSE HOLDER, PCB, 20X5MM; Current, fuse rating:6.30A; Approval category:VDE, CSA, UL, SEMKO; Approval Bodies:VDE, CSA, UL, SEMKO; Approvals @ 10A:Semko, VDE; Approvals @ 16A:UL, CSA; Current rating:10A; Diameter, bezel:15mm; Fuse RoHS Compliant: Yes
|
STMicroelectronics
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
F0402E0R25FSTR F0603C1R25FWTR F0603C1R75FWTR F0603 |
Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.75A, 24VAC, 24VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.375A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 2.5A, 16VAC, 16VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.5A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1A, 63VAC, 63VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 63VAC, 63VDC, SURFACE MOUNT
|
AVX, Corp.
|
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
A7OQS100-4 A7OQS125-4 A7OQS125-4K A7OQS150-4 A7OQS |
ELECTRIC FUSE, 100A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 125A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 150A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 175A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 35A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 40A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 400A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 450A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 500A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 60A, 700VAC, 700VDC, 200000A (IR), INLINE/HOLDER
|
Mersen
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
70-010-045A 70-010-051A 70-010-044A 70-010-054A 70 |
FUSE 8A QUICK BLOW FUSE 2A MEDIUM BLOW 5V, Step-Down, Current-Mode PWM DC-DC Converters FUSE 1.6A MEDIUM BLOW 3.3V/5V Palmtop Computer and LCD Power-Supply Regulator FUSE 3.15A QUICK BLOW FUSE 4A MEDIUM BLOW 保险4A条介质吹 FUSE 5A QUICK BLOW 保险5A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险A条快速吹 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander 保险2A条快速吹 4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 保险1A条介质吹
|
TE Connectivity, Ltd. Bourns, Inc. ZETTLER electronics GmbH
|
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|
|