PART |
Description |
Maker |
2SA1129 2SA1129-S 2SA1129-Z 2SA1129-AZ |
7 A, 30 V, PNP, Si, POWER TRANSISTOR, TO-220AB MP-25, 3 PIN From old datasheet system PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING Silicon transistor
|
Panasonic Semiconductor NEC
|
2N5038 JAN2N5039 JANTXV2N5039 2N5039 JAN2N5038 JAN |
NPN HIGH POWER SILICON TRANSISTOR 20 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA NPN HIGH POWER SILICON TRANSISTOR 2 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-3 From old datasheet system (JAN2N5038 / JAN2N5039) NPN HIGH POWER SILICON TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SA1010 2SA1010-AZ 2SA10102 |
Silicon transistor SILICON POWER TRANSISTOR 7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN
|
NEC[NEC]
|
2SA1843 2SA1843M 2SA1843L |
Silicon power transistor PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | SIP 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 5A条一(c)|园区
|
NEC Corp.
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2SB1431 |
Silicon power transistor From old datasheet system PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC[NEC]
|
MP4304 |
Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1)
|
Toshiba Semiconductor Toshiba Corporation
|
2SA1845 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
|
NEC
|
MJ423_D ON1993 MJ423 |
POWER TRANSISTOR NPN SILICON From old datasheet system 10 AMPERE POWER TRANSISTOR NPN SILICON 125 WATTS
|
ONSEMI[ON Semiconductor]
|
CEN-U10 |
NPN SILICON POWER TRANSISTOR 0.5 A, 300 V, NPN, Si, POWER TRANSISTOR, TO-202 Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
ASIS15-28 |
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator NPN SILICON RF POWER TRANSISTOR NPN SILICON RF POWER TRANSISTOR
|
Advanced Semiconductor, Inc. ASI[Advanced Semiconductor]
|