PART |
Description |
Maker |
UPD4482161GF-A65 UPD4482161GF-C75 UPD4482321GF-C75 |
8M-BIT CMOS SYNCHRONOUS FAST SRAM FLOW THROUGH OPERATION
|
NEC Corp.
|
UPD44323362 UPD44323362F1-C40-FJ1 |
32M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 1M-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
|
NEC Corp.
|
UPD4443362 UPD4443362GF-A75 |
4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
|
NEC Corp. NEC[NEC]
|
UPD4482183 UPD4482363GF-A60Y UPD4482163 UPD4482163 |
(UPD4482163/2183/2323/2363) 8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION DOUBLE CYCLE DESELECT
|
NEC[NEC]
|
IDT74LVC161A 74LVC161A_DS_88829 IDT74LVC161AQ8 |
3.3V CMOS Preset Table Synchronous 4-Bit Binary Counter with Asynchronous Reset, 5.0V Tolerant I/O From old datasheet system 3.3V CMOS PRESETTABLE SYNCHRONOUS 4-BIT BINARY COUNTER
|
IDT
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
HM64YLB36514BP-6H HM64YLB36514 |
16M Synchronous Late Write Fast Static RAM (512-kword × 36-bit, Register-Latch Mode) 16M Synchronous Late Write Fast Static RAM (512-kword 】 36-bit, Register-Latch Mode) Memory>Fast SRAM>Late Write / High Speed Interface Synchronous SRAM
|
Renesas Electronics Corporation
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
MB8501S064AC-100 MB8501S064AC-67 MB8501S064AC-84 |
CMOS 1M×64 Bit Synchronous Dynamic Random Access Memory (SDRAM)(CMOS 1M×64同步动态RAM)
|
Fujitsu Limited
|
KM44C256C KM44C256C-6 KM44C256C-7 KM44C256C-8 KM44 |
256k x 4Bit CMOS DRAM with Fast Page Mode 256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
|
Samsung Electronics Samsung semiconductor
|