PART |
Description |
Maker |
TEA1202TS |
Battery power unit
|
NXP Semiconductors
|
3/700RSE.099161 150RS.025269 3/RST4.099146 RST4K.0 |
AKKU TELEFON STECKLOETFAHNE 3.6V 100G BATTERIE NICKEL CADMIUM AKKU LADY N 1.2V Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset BATTERY HIGH TEMP.NI-CAD BATTERY AAA TYPE AAA级电池类
|
Analog Devices, Inc.
|
2004-403 2004-405 2004-407 2004-409 |
KALTGERAET UNIT 5FACH KALTGERAET UNIT 7FACH KALTGERAET UNIT 9FACH KALTGERAET UNIT 3FACH KALTGERAET单位3FACH
|
Molex, Inc.
|
MAX6361 MAX6361HUT MAX6361HUT23 MAX6361HUT26 MAX63 |
SOT23, Low-Power μP Supervisory Circuits with Battery Backup SOT23, Low-Power P Supervisory Circuits with Battery Backup SOT23 Low-Power P Supervisory Circuits with Battery Backup SOT23 / Low-Power P Supervisory Circuits with Battery Backup SOT23, Low-Power レP Supervisory Circuits with Battery Backup SOT23封装,低功耗レP监控电路,带有备用电 SOT23, Low-Power レP Supervisory Circuits with Battery Backup 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8 |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
Infineon
|
RLF12560 RLF12560T-7R8N8R2 RLF12560T-100M7R5 RLF12 |
CONNECTOR ACCESSORY 连接器附 Battery Holder; Battery Sizes Accepted:AAA; Body Material:Polypropylene Plastic; No. of Batteries:2 RoHS Compliant: Yes Inductors For Power Line SMD
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
LT3652HVEDD-PBF LT3652HVEDD-TRPBF LT3652HVIDD-PBF |
Power Tracking 2A Battery Charger BATTERY CHARGE CONTROLLER, PDSO12 Power Tracking 2A Battery Charger
|
LINEAR TECHNOLOGY CORP
|
AAT3670ISK-4.2-T1 AAT3670 |
1.6A Dynamic Battery Charger and Power Manager The AAT3670 BatteryManager is a highly integrated single-cell lithium-ion/polymer (Li-ion) battery c
|
Analogic Corporation ANALOGICTECH[Advanced Analogic Technologies]
|
AD5520JST AD5520JST-REEL |
Per-pin Parametric Measurement Unit / Source Measure Unit
|
Analog Devices
|
LT3652EDDPBF |
Power Tracking 2A Battery Charger for Solar Power, LFHT, 12-Lead Plastic DFN 3mm × 3mm, Temperature Range: –40°C to 125°C 3 A BATTERY CHARGE CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO12
|
Linear Technology, Corp.
|
ADM692 ADM693 ADM694 ADM690 ADM695 ADM690-ADM695 A |
Microprocessor Supervisory Circuits(283.09 k) 微处理器监控电路83.09十一 P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, Active Low Reset and 100mA Output Current P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, 100mA Output Current P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.65V Threshold Voltage, Active Low Reset and 100mA Output Current Functions: 4.65 V Reset, Battery Switchover, Watchdog Timer, Power Fail Input Microprocessor Supervisory Circuits 微处理器监控电路 Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, CDIP8 µP Supervisor with Backup Battery Switchover, Adjustable Reset Period; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16
|
Intersil, Corp. Molex, Inc. Analog Devices, Inc.
|
MC912DG128ACPV MC912DG128AMPV MC912DG128AVPV |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
Motorola, Inc
|
|