PART |
Description |
Maker |
MAX6415UK-T MAX642012 MAX6416UK-T |
Low-Power, Single/Dual-Voltage muP Reset Circuits Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
Maxim Integrated Products
|
MAX6759 MAX6761TARAD3 MAX6762TATWD3 MAX6761TATZD3 |
Low-Power. Single/Dual-Voltage Window Detectors Circular Connector; No. of Contacts:15; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:28-17 RoHS Compliant: No ER 7C 7#8 PIN PLUG 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8 Low-Power / Single/Dual-Voltage Window Detectors CONNECTORS, INDUSTRIAL; SERIES:97/MS; CONNECTOR TYPE:CIRCULAR 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8 Low-Power, Single/Dual-Voltage Window Detectors 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
MAX548 MAX548-MAX550 MAX550AEPA MAX549AC/D MAX549A |
2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in µMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in μMAX Package 2.5V to 5.5V / Low-Power / Single/Dual / 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in レMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in MAX Package
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
OM4206 OM4226ST OM4226RT OM4226DT OM4206ST OM4206D |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER From old datasheet system
|
Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
2SC1573B 2SC1573A 2SC1573 2SC1573BQ 2SC1573AP 2SC1 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 400V五(巴西)总裁|提供70mA一(c)|2 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 70MA I(C) | TO-92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
Panasonic, Corp. Matsshita / Panasonic
|
2SC1815BL 2SC2003K 2SC1906Y 2SC1815Y |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | TO-92 晶体管|晶体管|叩| 80V的五(巴西)总裁| 300mA的一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 19伏特五(巴西)总裁| 50mA的一(c)|2
|
NEC, Corp.
|
MAX6754UKZD0 MAX6754UKZD3 MAX6754UKZD3-T MAX6754UK |
Low-Power, Single/Dual-Voltage Window Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Low-Power, Single/Dual-Voltage Window Detectors 2-CHANNEL POWER SUPPLY SUPPORT CKT, DSO8 Low-Power, Single/Dual-Voltage Window Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
3150O-SERIES 3450O-SERIES 3551TPQ0 3551TPQ1 3551TP |
Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Optoelectronic 光电 Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 光电 Evaluation System/Evaluation Kit for the MAX6660 光电
|
Rubycon, Corp. Fairchild Semiconductor, Corp. DB Lectro, Inc. Cypress Semiconductor Corp. RECOM Electronic GmbH
|
2SC3357 2SC3357-T2 2SC3357RF 2SC3357-T1 |
For amplify high frequency and low noise. NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC Corp.
|
2SC2351 2SC2351-E 2SC2351-P 2SC2351-F 2SC2351-Q |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 70MA I(C) | SOT-346 晶体管|晶体管|叩| 12V的五(巴西)总裁|提供70mA一(c)|的SOT - 346 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits NPN SILICON HIGH FREQUNY TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
|
NEC, Corp. NEC Corp. NEC[NEC]
|