PART |
Description |
Maker |
LTC2851 |
3.3V 20Mbps RS485/RS422 Transceivers
|
Linear Technology
|
LTC2852CDDPBF LTC2851IS8PBF LTC2850CMS8PBF LTC2850 |
3.3V 20Mbps RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO10 3.3V 20Mbps RS485/RS422 Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC2856IDD-1 LTC2857IDD-1 LTC2858IDD-1 LTC2856HDD- |
20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO8 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceiver; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO10 20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
|
Linear Technology, Corp.
|
LTC2861 LTC2859 |
20Mbps RS485 Transceivers
|
Linear Technology
|
F81438 F81438G |
Single 5V RS232/RS422/RS485 Multiprotocol
|
Feature Integration Technology Inc.
|
LT1785 LT1785A LT1785AC LT1785ACN8 LT1785ACS8 LT17 |
60V Fault Protected RS485/RS422 Transceivers
|
LINER[Linear Technology]
|
LTM2881 LTC2850 LTC2851 |
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
|
Linear Technology
|
1120205018 APP-SR1-PCIE |
applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant
|
Molex Electronics Ltd.
|
ISL4485EIBZ-T ISL4485 ISL4485E ISL4485EIB ISL4485E |
±15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver(±15kV ESD防护, 20Mbps, 5V, 低功 RS-485/RS-422收发 【15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver ??5kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
|
INTERSIL[Intersil Corporation]
|
MAX3061E MAX3060E MAX3062E MAX3060EEKA-T MAX3062EE |
±.15kV ESD-Protected.Fail-Safe.20Mbps.锛?r锛?lew-Rate-Limited RS-485/RS-422 Transceivers in a SOT 15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT LINE TRANSCEIVER, PDSO8 ±.15kV ESD-Protected.Fail-Safe.20Mbps.<br>Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT "?5kV ESD Protected, 20Mbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 115kbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 500kbps, Fail-Safe RS-485/RS- 422 Transceivers" ±15kV ESD-Protected, Fail-Safe, 20Mbps,
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SP516 |
20Mbps 7 Driver / 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
|
Sipex
|