PART |
Description |
Maker |
GS820H32Q-5I GS820H32T-150I GS820H32GT-5I GS820H32 |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
IC61S6432-8TQI IC61S6432 IC61S6432-117PQ IC61S6432 |
100MHz; 3.3V; 64K x 32 synchronous pipelined static RAM SYNCHRONOUS STATIC RAM, Pipelined Synchronous SRAM 64K x 32 SYNCHRONOUS PIPELINE STATIC RAM From old datasheet system 200MHz; 3.3V; 64K x 32 synchronous pipelined static RAM 75MHz; 3.3V; 64K x 32 synchronous pipelined static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
IS61LF6432A-8.5TQI IS61LF6432A-8.5TQLI IS61LF6436A |
64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 64K X 36 CACHE SRAM, 8.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
CY7C1298A-100NC GVT7164C18 GVT7164C18Q-5 GVT7164C1 |
Memory : Sync SRAMs 64K x 18 Synchronous Burst RAM Pipelined Output 64K X 18 STANDARD SRAM, 8 ns, PQFP100 PLASTIC, TQFP-100 64K X 18 STANDARD SRAM, 6 ns, PQFP100 PLASTIC, TQFP-100
|
Cypress Semiconductor, Corp.
|
IDT71V016 IDT71V016SA IDT71V016SA10BF8 IDT71V016SA |
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PBGA48 High-Performance Current-Mode PWM Controller 14-SOIC -40 to 85 64K X 16 STANDARD SRAM, 10 ns, PDSO44 64K X 16 STANDARD SRAM, 12 ns, PDSO44 0.400 INCH, PLASTIC, SOJ-44 TOOLS,SCREWDRIVERS,TORX,BALLDRIVER T-HANDLE SET,10-PC.INCH SIZES 3/32-3/8" AND STAND,HAND TOOLS,BALLDRIVER® T-HANDLE SETS ,BONDHUS 3.3V 64K x 16 Static RAM
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
MCM69P618C MCM69P618CTQ4 MCM69P618CTQ4.5 MCM69P618 |
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K X 18 CACHE SRAM, 4 ns, PQFP100 64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K X 18 CACHE SRAM, PQFP100
|
MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc.
|
IS61S6432 IS61S6432-7TQ IS61S6432-6PQ IS61S6432-6P |
From old datasheet system 64K x 32 SYNCHRONOUS PIPELINE STATIC RAM SYNCHRONOUS STATIC RAM, Pipelined Synchronous SRAM
|
ICSI[Integrated Circuit Solution Inc]
|
GVT7164B18 7164B18S |
64K X 18 SYNCHRONOUS BURST SRAM From old datasheet system
|
Galvantech
|
GVT7164B19 7164B19S |
64K X 18 SYNCHRONOUS BURST SRAM From old datasheet system
|
Galvantech
|