PART |
Description |
Maker |
GS820H32AQ-138I GS820H32AQ-6I GS820H32AQ-4I GS820H |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 11 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9.7 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 66MHz 18ns 64K x 32 2M synchronous burst SRAM 150MHz 9ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
GS820H32Q-5I GS820H32T-150I GS820H32GT-5I GS820H32 |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
IDT71V633 IDT71V633S11PF IDT71V633S11PFI |
64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect 64K X 32 CACHE SRAM, 11 ns, PQFP100
|
Integrated Device Technology, Inc.
|
IDT71V632 IDT71V632SA4PFI IDT71V632S8PF IDT71V632S |
64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect 64K X 32 CACHE SRAM, 5 ns, PQFP100
|
Integrated Device Technology, Inc.
|
IDT71V633S11PF IDT71V633S11PFI IDT71V633S12PFI IDT |
From old datasheet system 64K x 32 3.3V Synchronous SRAM Flow-Through Outputs Burst Counter, Single Cycle Deselect 3.3V 64K x 32 Static SRAM with Flow-Through Outputs
|
IDT[Integrated Device Technology]
|
IDT70V3389S6PRFI IDT70V3389S IDT70V3389S4BC IDT70V |
From old datasheet system HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 18 DUAL-PORT SRAM, 6 ns, PBGA256 HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 18 DUAL-PORT SRAM, 6 ns, PQFP128 HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 18 DUAL-PORT SRAM, 6 ns, PBGA208
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
MCM69P618C MCM69P618CTQ4 MCM69P618CTQ4.5 MCM69P618 |
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K X 18 CACHE SRAM, 4 ns, PQFP100 64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 64K X 18 CACHE SRAM, PQFP100
|
MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc.
|
V62C2161024LL-55T V62C2161024LL-85T V62C2161024L V |
64K X 16 STANDARD SRAM, 100 ns, PDSO44 Ultra Low Power 64K x 16 CMOS SRAM 超低功4K的16 CMOS SRAM
|
MOSEL-VITELIC Mosel Vitelic Corp Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
GVT7164B18 7164B18S |
64K X 18 SYNCHRONOUS BURST SRAM From old datasheet system
|
Galvantech
|
GVT7164B19 7164B19S |
64K X 18 SYNCHRONOUS BURST SRAM From old datasheet system
|
Galvantech
|