PART |
Description |
Maker |
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
01530008Z |
Blade Fuse Holders - PCB Mount Fuse Holder for MINI? Style Blade Fuse
|
Littelfuse
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
KLPC3500 KLPC6000 KLPC650 KLPC700 KLPC5000 KLPC100 |
KLPC series POWR-PRO class L fuse. Time-delay. 3500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 6000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 650A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 700A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 5000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1100A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1300A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1400A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1800A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1600A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1900A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 2000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 900A, 600VAC, 480VDC.
|
Littelfuse
|
01530007LXN 01530007Z 01530008LXN 01530009Z 015300 |
PCB MOUNT FUSE HOLDER FOR MINI STYLE BLADE FUSE
|
Littelfuse
|
178-4265-0002 |
FLR PCB FUSE HOLDER FOR ATO? STYLE BLADE FUSE RATED 58V
|
Littelfuse
|
EVM31-050A 2DI75D-050A 1DI240A-055 EVK31-050 2DI75 |
BIPOLAR TRANSISTOR MODULES Rating and Specifications 双极型晶体管模块等级和规 FUSE, QUICK BLOW 1.25A;; Current, fuse rating:1.25A; Fuse size code:20 x 5mm; Fuse type, blowing characteristic:Quick Blow; Material, case:Glass; Voltage rating, AC:250V; Approval Bodies:IEC127, BS4265, BSI, VDE, SEMKO, UL; Current, INDUCTOR PWR SHIELDED 68UH SMD CIRCUIT BREAKER HORZ PCB .5A Illuminated pushbutton switch with positive tactile response
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers
|
215630 215500 215800 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
|
Littelfuse, Inc.
|
239250 239200 239300 239_1 239001 239002 239003 23 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
LITTELFUSE[Littelfuse]
|
|