PART |
Description |
Maker |
24C016 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution Inc
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
TC9WMB1FK |
1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
|
Toshiba Semiconductor
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
MC6800 MC6800CL MC6800CP MC6800CS MC6800L MC6800P |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS 8-BIT MICROPROCESSING UNIT (MPU)
|
MOTOROLA[Motorola, Inc]
|
MR27V1652E MR27V1652EMA MR27V1652ERA MR27V1652ETN |
1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
|
OKI electronic componets
|
MR533252J |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|
MR53V1652J |
1,048,576-Word X 16-Bit or 2,097,152-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|
MSM531652F |
1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
|
OKI electronic componets
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|