PART |
Description |
Maker |
SI9174DM-T1-E3 |
High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
|
Vishay Siliconix
|
MAX8720ETX MAX8720 MAX8720EEI |
From old datasheet system Dynamically Adjustable 6-Bit VID Step-Down Controller
|
MAXIM[Maxim Integrated Products]
|
AN231K04-DVLP3 AN231E04-E2-QFNSP AN231E04-E2-QFNTR |
Dynamically Reconfigurable dpASP
|
List of Unclassifed Manufacturers
|
NCV47710 NCV47710PDAJR2G |
5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
|
ON Semiconductor
|
FAN1581T FAN1581 FAN1581D15X FAN1581D25X FAN1581DX |
From old datasheet system 5A Adjustable/Fixed Ultra Low Dropout Linear Regulator 1.237 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.25 V-5.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
77034052 7703405N 7703405T 7703405U 7703405Y OM132 |
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405 Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages MB 8C 8#20 PIN PLUG MB 3C 3#16 PIN PLUG MB 8C 8#20 SKT PLUG RoHS Compliant: No 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
LT3083MPFEPBF LT3083MPFETRPBF LT3083EQPBF LT3083-1 |
ADJUSTABLE POSITIVE LDO REGULATOR, 0.42 V DROPOUT, PDSO16 4.40 MM, LEAD FREE, PLASTIC, TSSOP-16 0 V-23 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.51 V DROPOUT, PSSO5 Adjustable 3A Single Resistor Low Dropout Regulator
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX5087BATN |
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay FIXED/ADJUSTABLE POSITIVE REGULATOR, QCC56
|
Maxim Integrated Products, Inc.
|
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|