PART |
Description |
Maker |
PPN0500B 542AB0500 915AB0500MBP |
HEATSINK TO220/218 5.0C/W Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits HEATSINK TO220/218 5.8C/W 散热片TO220/218 5.8摄氏
|
KEMET Corporation
|
0027026390B |
HEATSINK TO220/218 16.7C/W 散热片TO220/218 16.7C /
|
Ecliptek, Corp.
|
STK15C88 STK15C88-N25 STK15C88-N25I STK15C88-N35 S |
HEATSINK TO-220 DUAL MT W/CLIPS 32K的8自动存储非易失高性能CMOS非易失性静态随机存储器 HEATSINK TO-218 10W H=2.5 BLK 32K的8自动存储非易失高性能CMOS非易失性静态随机存储器 HEAT SINK .720 HIGH RISE TO-220 32K的8自动存储非易失高性能CMOS非易失性静态随机存储器 32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 32K的8自动存储非易失高性能CMOS非易失性静态随机存储器
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] SIMTEK
|
CS218I-50PBLEADFREE CS218I-50DLEADFREE CS218I-50PL |
50 A, 1200 V, SCR, TO-218 50 A, 400 V, SCR, TO-218 50 A, 1000 V, SCR, TO-218 50 A, 800 V, SCR, TO-218 50 A, 200 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 400 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 1000 V, SCR, TO-218 63 A, 1200 V, SCR, TO-65 63 A, 600 V, SCR, TO-65 63 A, 200 V, SCR, TO-65 110 A, SCR, TO-83
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
ST92F120V1Q7 ST92F120R1Q6 ST92F120JR1Q6 ST92F120JR |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD 8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD HEATSINK TO-220 VERT MNT W/TABS 16位产品系列闪存微控制器与RAM,EEPROM和J1850 BLPD Heat Sink; Package/Case:TO-218, TO-247; Thermal Resistance:5 C/W; Mounting Type:Screw Mount; Length:38.1mm; Height:38.1mm; Width:41.91mm; Body Material:Aluminum; Body Plating:Anodized; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
HNT640 HNT616 HIT625 HNT216 |
600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218
|
|
STP10NK70ZFP07 STP10NK70Z STP10NK70ZFP |
N-CHANNEL 700V - 0.75Ω - 8.6A - TO220-TO220FP Zener-Protected SuperMESH MOSFET N-CHANNEL 700V - 0.75ヘ - 8.6A - TO220-TO220FP Zener-Protected SuperMESH⑩ MOSFET
|
STMicroelectronics
|
529801B02500 |
For use with TO-218 packages
|
Aavid Thermalloy, LLC
|
BDV65A |
12 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-218
|
STMICROELECTRONICS
|
0190700064 |
RING INSULKRIMP TAPED (BB-218-56XT)
|
Molex Electronics Ltd.
|
|