PART |
Description |
Maker |
BD9394EFV-E2 BD9394FP-E2 |
White LED Driver for large LCD Panels (DCDC Converter type)
|
ROHM
|
LT1942 1942FA LT1942EUF LTC3450 LT1613 LT1615 LT16 |
Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver From old datasheet system Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver
|
LINER[Linear Technology]
|
BZY97-C12 BZY97-C11 BZY97-C68 BZY97-C13 BZY97-C15 |
CONVERTER DC-DC 10W 24V/15V DUAL CONVERTER DC-DC 10W 48V/3.3V SGL CONVERTER DC-DC 10W 48V/5V SGL CONVERTER DC-DC 1W 5V/12V DUAL CONVERTER DC-DC 12W 5V/15V DUAL 稳压二极 CONVERTER DC-DC 12W 5V/5V SGL 稳压二极 CONVERTER DC-DC 10W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 10W 48V/5V DUAL 稳压二极 CONVERTER DC-DC 15W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 6W 5V/5V SGL 稳压二极 CONVERTER DC-DC 6W 5V/12V SGL 稳压二极 CONVERTER DC-DC 20W 12V TRIPLE CONVERTER DC-DC 12W 5V/5V DUAL ZENER DIODES
|
http:// GE[General Semiconductor] GE Security, Inc.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
CX20201A-1 CX20201A-2 CX20201A-3 CX20202A-1 CX2020 |
8-Bit 160MSPS D/A Converter(8浣??60MSPS D/A杞???? 10/9/8-BIT 160MSPS D/A CONVERTER 10/9/8-BIT 160MSPS D / A转换 5015 RR 4#12 PIN PLUG LC 10/9/8-BIT 160MSPS D / A转换 From old datasheet system 9-Bit 160MSPS D/A Converter(9位B>160MSPS D/A转换 8-Bit 160MSPS D/A Converter(8位B>160MSPS D/A转换 10-bit 160MSPS D/A Converter
|
Sony, Corp. Sony Corporation
|
DHC2800S DHC2803SE DHC2803SH DHC2805SE DHC2805SK |
5V, 6W DC-DC converter 3.3V, 6W DC-DC converter 6W DC-DC Converter(输出功率6W,高隔离电压的DC-DC转换 6W的DC - DC转换器(输出功率6W,高隔离电压的的DC - DC转换器)
|
M.S. Kennedy Corp. M.S. Kennedy, Corp.
|
ART2815T ART2812T |
DC to DC Converter DC至DC转换 Hi-Rel DC-DC Rad-Hard Triple Converter in a ART package
|
International Rectifier, Corp.
|
5962-8980501IX 5962-89805012X |
RMS-to-DC Converter 4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter 有效 DC转换
|
Littelfuse, Inc.
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
BH2221FV |
Standard Linear LSIs > Tuning D/A converter 8bit 12ch D/A converter From old datasheet system
|
ROHM[Rohm]
|