PART |
Description |
Maker |
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
X40231S16I-BT1 X40239S16I-AT1 X40237S16I-AT1 |
Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Intersil, Corp. INTERSIL CORP
|
MAX1858A-MAX1876A MAX1875AEEG MAX1876AEEG MAX1858 |
Dual 180° Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR Dual 180 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR Dual 180∑ Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1876EEG-TG05 |
Dual 180° Out-of-Phase PWM Step-Down Controllers with POR
|
MAXIM - Dallas Semiconductor
|
X9520V20I-AT2 X9520V20IZ-AT2 |
Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
|
Intersil Corporation
|
ISL6614BCB-T ISL6614BCB ISL6614BCBZ ISL6614BCBZ-T |
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
|
INTERSIL[Intersil Corporation]
|
ASM1232LPSN-2 ASM1232LPSN ASM1232LPS-2 ASM1232LPS |
5 V, 30 mA power supply monitor and reset circuit CPU Supervisors with Selectable Trip-point Tolerance, Watchdog timer with POR
|
Alliance Semiconductor ALSC
|
AT83C5134-14 |
Integrated Power Monitor (POR/PFD) to Supervise Internal Power Supply
|
ATMEL Corporation
|
UPD78F4225 UPD78F4225GC-8BT UPD78F4225Y UPD78F4225 |
80-pin general-purpose 16-bit single-chip microcomputer 16-bit single-chip microcomputer for system control System control 16-bit single-chip microcomputer 64KB flash memory on-chip 16-bit of 78K/4 Series Analog amplifier: I2C on-chip ROM 96K version VTR servo application 16-bit single-chip micon having 78K4 Series 32KB memory 16-bit single chip microcomputer(for VTR servo microcomputer) Analog amplifier I2C flash memory 128K version VTR 16-bit single having 78K/4 Series 32KB memory
|
NEC
|