PART |
Description |
Maker |
MAX1303 |
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital conve
|
Maxim Integrated Products
|
5962-8953601YX 5962-8953604UX 5962-8953603ZX 5962- |
16-Bit, 5V, 200ksps ADC with 10µA Shutdown Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters X9热卖异步FIFO
|
Chicago Miniature Lighting, LLC
|
HS574AJ/LCC HS574AA/LCC HS574AS/LCC HS574AK/LCC HS |
Analog-to-Digital Converter12-Bit Analog-to-Digital Converter??? 12-Bit 12位模数转换器
|
Ecliptek, Corp.
|
ADC541C-8 ADC541B-8 ADC542B-8 ADC542C-8 |
Analog-to-Digital Converter8-Bit Analog-to-Digital Converter, 8-Bit 8位模数转换器
|
|
ADC-00403-203 ADC-00403-103 ADC-00404-103 ADC-0040 |
Analog-to-Digital Converter12-Bit Analog-to-Digital Converter??? 12-Bit 12位模数转换器
|
ADC Bourns, Inc.
|
MN574AS/B ADS574KH ADS574SF ADS574SH ADS574TF |
Analog-to-Digital Converter??? 12-Bit Analog-to-Digital Converter茂录? 12-Bit
|
ADC
|
AD9002SQ/883B AD9002TQ/883B |
Analog-to-Digital Converter8-Bit Analog-to-Digital Converter, 8-Bit
|
Analog Devices, Inc.
|
AD565A AD565AJD/ AD565AKD/ AD566A AD566ASD/883B |
12-bit Digital-to-Analog Converters, with Zener Reference Fast 12-bit digital-to-analog converters
|
Analog Devices
|
TC1320EOA TC1320EUA TC1320 TC1320EOATR TC1320EUATR |
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that 8-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
DAC331C-14-1 DAC331B-14-1 DAC331C-12-1 DAC331B-12- |
14-Bit Digital-to-Analog Converter 14位数字到模拟转换 12-Bit Digital-to-Analog Converter 12位数字到模拟转换
|
Ecliptek, Corp.
|
DSPIC33FJ32MC202IMM DSPIC33FJ32MC202IML DSPIC33FJ6 |
16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG 16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Motor Control PWM and Advanced Analog 16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
|
Microchip Technology
|