PART |
Description |
Maker |
BAT62-02L BAT62-02W BAT62-08S BAT62-07W BAT62-03W |
Latest Silicon Discretes - Schottky Diode for power leveling Schottky Diodes - Low barrier silicon RF Schottky diode for detectors Schottky Diodes - Low barrier silicon RF Schottky diode array
|
Infineon
|
ZHCS1006 ZHCS1006TA |
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ”SuperBAT?/a> SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ??uperBAT??/td>
| SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE B>SuperBAT DIODE SCHOTTKY SOT-23 肖特基二极管采用SOT - 23 High Current Schottky Diode
|
Fairchild Semiconductor Zetex Semiconductors Zetex Semiconductor PLC
|
BAT17 BAT17-05W BAT17-06 BAT17-07 BAT17-04 BAT17-0 |
Schottky Diodes - Silicon RF Schottky diode for mixer applications in the VHF/UHF range Silicon Schottky Diode
|
INFINEON[Infineon Technologies AG]
|
SDT10S60 |
Silicon Carbide Schottky Diode 碳化硅肖特基二极 From old datasheet system Silicon Carbide Schottky Diodes - 10A diode in TO220-2 package
|
Infineon Technologies AG
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
BAT54WX-TP |
DIODE SCHOTTKY 30V SOD-523 0.2 A, 30 V, SILICON, SIGNAL DIODE 200mWatt, 30Volt Schottky Diodes
|
Tianjin Global Magnetic Card Co., Ltd. Micro Commercial Components
|
MBRX0520 MBRX052008 MBRX0520-TP MBRX0530 MICROCOMM |
0.5 Amp Schottky Rectifier 20 to 60 Volts DIODE SCHOTTKY 20V 500MA SOD323 0.5 A, 20 V, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
SDM100K30L-7 SDM100K30L08 |
DIODE SCHOTTKY 30V 1.0A SOD323 1 A, 30 V, SILICON, SIGNAL DIODE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Diodes, Inc. Diodes Incorporated
|
ZHCS500 UZHCS500 ZHCS500TA |
DIODE SCHOTTKY SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE “SuperBAT?/a> SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE “SuperBAT” SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT SOT23 SILICON HIGH CURRENT 0.5 A, SILICON, SIGNAL DIODE High Current Schottky Diode
|
ZETEX[Zetex Semiconductors] Diodes Incorporated
|
SW08CXC300 SW12CXC300 SW58CXC620 SW42CXC680 SW30CX |
650 A, 800 V, SILICON, RECTIFIER DIODE 650 A, 1200 V, SILICON, RECTIFIER DIODE 1520 A, 5800 V, SILICON, RECTIFIER DIODE 1610 A, 4200 V, SILICON, RECTIFIER DIODE 5100 A, 3000 V, SILICON, RECTIFIER DIODE 5100 A, 3200 V, SILICON, RECTIFIER DIODE 1030 A, 3600 V, SILICON, RECTIFIER DIODE 2050 A, 2800 V, SILICON, RECTIFIER DIODE 1860 A, 4000 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
RD6.8UM RD2.4UM RD4.7UM RD24UM RD4.3UM RD5.1UM RD1 |
9.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 CA01COME24-10SBF80 稳压二极PIN超超级迷你模 CAT6 SOL PC BLU PLE 50FT PLENUM SOLID PATCH CORD RECTIFIER SCHOTTKY SINGLE 1A 60V 30A-Ifsm 0.7Vf 0.5A-IR SMB 3K/REEL ZENER DIODES 2PIN ULTRA SUPER MINI MOLD 2.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NEC, Corp. NEC Corp. NEC[NEC]
|