PART |
Description |
Maker |
AT49F1614T-70CC AT49F1604T-70UC AT49F1604T-70UI AT |
10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-PDIP -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-TSSOP -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-SOIC -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-SOIC -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PDSO48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TVSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PBGA48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 1M X 16 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory 2M X 8 FLASH 5V PROM, 70 ns, PBGA48
|
Atmel Corp. Atmel, Corp.
|
74VCXR162601 74VCXR162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列的输出电阻 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MB89913P-SH MB89913PF MB89915 MB89915PF MB89915P-S |
Hex Schmitt-trigger Inverters 20-LCCC -55 to 125 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP48 VIDEO SPLIT CBL PCW MM 20 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP48 8-bit Proprietary Microcontroller 8-BIT, 8 MHz, MICROCONTROLLER, CDIP64 Hex Schmitt-trigger Inverters 14-CFP -55 to 125 VIDEO SPLIT CBL PVC MM 10 3-Line To 8-Line Decoders/Demultiplexers 16-CFP -55 to 125
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
HEF40106 HEF40106B HEF40106BD HEF40106BF HEF40106B |
Hex inverting Schmitt trigger 六反相施密特触发 gates Hex inverting Schmitt trigger HEF40106B; Hex inverting Schmitt trigger Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Tube HEX 1-INPUT INVERT GATE, PDSO14 Hex inverting Schmitt trigger; Package: SOT108-1 (SO14); Container: Reel Pack, SMD, 13"
|
List of Unclassifed Manufacturers NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
UT54ACS164646S |
Schmitt CMOS 16-bit Bidirectional MultiPurpose Registered Transceiver
|
Aeroflex Circuit Techno...
|
SAB80C517A-N18-T3 SAB-80C517A-N18 SAB83C517A-N18-T |
8-Bit CMOS Single-Chip Microcontroller 8-BIT, 18 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑8态输出通用变换缓存SOIC-20封装 工作温度55℃_125
|
SIEMENS AG
|
LTC2602 LTC2612CMS8 LTC2622CMS8 LTC2602CMS8 LTC260 |
18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
|
Linear Technology Corporation
|
IDT74ALVC162334PF IDT74ALVC162334PA IDT74ALVC16233 |
3.3V CMOS 16-Bit Universal Bus Driver with 3-State Outputs ALVC/VCX/A SERIES, 16-BIT DRIVER, TRUE OUTPUT, PDSO48 TVSOP-48
|
IDT Integrated Device Technology, Inc.
|
74HCT7540 74HC7540 74HC7540DB 74HC7540N 9339678601 |
HC/UH SERIES, OCTAL 1-BIT DRIVER, INVERTED OUTPUT, PDSO20 Octal Schmitt trigger buffer-line driver; 3-state; inverting Octal Schmitt trigger buffer/line driver 3-state inverting Octal Schmitt trigger buffer/line driver; 3-state; inverting
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|