PART |
Description |
Maker |
EVAL-AD5426EB EVAL-AD5443EB EVAL-AD5432EB AD5426YR |
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface CAP X7R 470PF 50V 10% 0603 CAP, .22UF, 10V, SMT, 0603 8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.035 us SETTLING TIME, 10-BIT DAC, PDSO10 8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.09 us SETTLING TIME, 8-BIT DAC, PDSO10 High Bandwidth CMOS 10-Bit Serial Interface Multiplying D/A Converter High Bandwidth CMOS 8-Bit Serial Interface Multiplying D/A Converter High Bandwidth CMOS 12-Bit Serial Interface Multiplying D/A Converter
|
Analog Devices, Inc.
|
74LVXZ161284 74LVXZ161284MTX 74LVXZ161284MEX 74LVX |
2K, 258 X 8 or 128 X 16, SER EE, -40C to 85C, 8-TSSOP, TUBE 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-MSOP, T/R BUS TRANSCEIVER|SINGLE|8-BIT|LVX-CMOS|SSOP|48PIN|PLASTIC 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-TSSOP, T/R Low Voltage IEEE 161284 Translating Transceiver
|
Fairchild
|
AD5426 AD5426BRM AD5432 AD5432BRM AD5443BRM |
High Bandwidth CMOS 8/10/12-Bit Serial Interface Multiplying DACs
|
ETC
|
IDTQS3VH861 IDTQS3VH861PA IDTQS3VH861Q QS3VH861Q8 |
2.5V/3.3V 10-Bit Flow-Through Pin Out, High Bandwidth Switch for Hot Swap Applications (HotSwitch) QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
|
IDT Integrated Device Technology
|
AD5429 AD5429YRU-REEL AD5553 AD5555 |
(AD54x9) Bandwidth Multiplying DACs Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Analog Devices, Inc.
|
IDTQS34XVH2245Q3 IDTQS34XVH2245 QS34XVH2245Q3 QS34 |
QuickSwitch Products 3.3V 32-Bit Bus Switch for Hot Swap Applications QUICKSWITCH㈢ PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH QUICKSWITCH? PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|
PI3C16234 PI3C16234A |
3.3V, HIGH BANDWIDTH, 16-BIT TO 32-BIT MUX/DEMUX BUSSWITCH
|
Pericom Semiconductor Corporation
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
AD806706 AD8067ARTZ-R2 AD8067ARTZ-REEL AD8067 |
High Gain Bandwidth Product, Precision Fast FET?Op Amp High Gain Bandwidth Product, Precision Fast FET⑩ Op Amp High Gain Bandwidth Product, Precision Fast FET?/a> Op Amp High Gain Bandwidth Product, Precision FastFET™ Op Amp; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 1000 uV OFFSET-MAX, PDSO5
|
Analog Devices, Inc.
|
MAX150 MAX150ACPP MAX150ACWP MAX150AEPP MAX150AEWP |
CMOS High Speed 8Bits ADC(500ksps,单通道,串行8位ADC) CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 16-Bit Transceivers With Parity Generators / Checkers And 3-State Outputs 56-TSSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20 CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, UUC20 16-Bit Bus Transceivers And Registers With 3-State Outputs 56-SSOP -40 to 85 From old datasheet system CMOS High Speed 8-Bit A/D Converter with Reference and Track/Hold Function "CMOS, 1.3?s, 8-Bit ADC with Voltage Reference and Track/Hold" CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold
|
STMicroelectronics N.V. Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
QS3VH384PAG QS3VH384PAG8 |
2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
|
Integrated Device Techn...
|
PI3C16212 PI3C16212A |
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
|
Pericom Semiconductor Corporation
|