PART |
Description |
Maker |
2SA1008 2SA1008-S 2SA1008-Z 2SA10081 2SA10082 2SA1 |
SILICON POWER TRANSISTOR 硅功率晶体管 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB MP-25, 3 PIN Silicon transistor
|
NEC, Corp. NEC[NEC]
|
2SA1010 2SA1010-AZ 2SA10102 |
Silicon transistor SILICON POWER TRANSISTOR 7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN
|
NEC[NEC]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
2SD2163 |
Silicon power transistor NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED HIGH-CURRENT SWITCHING
|
NEC
|
BUV21 BUV21_D ON0257 |
From old datasheet system 40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS SITCHMODE Series NPN Silicon Power Transistor
|
Motorola, Inc. ON Semiconductor
|
MP4513 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching. TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
|
TOSHIBA[Toshiba Semiconductor]
|
MJE1300906 MJE13009G MJE13009 |
SWITCHMODE Series NPN Silicon Power Transistors(开关模式系列NPN硅功率晶体管) 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB 12 AMPERE NPN SILICON POWER TRANSISTOR 400 VOLTS − 100 WATTS
|
ONSEMI[ON Semiconductor]
|
2SA1840 |
Silicon power transistor PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-SPEED SWITCHING
|
NEC
|
2SB962 2SB962-Z 2SB962-ZE 2SB962-ZP 2SB962-ZR 2SB9 |
Silicon transistor BJT 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 晶体 PNP SILICON EPITAXIAL TRANSISTOR MP-3 进步党硅外延晶体管型号:MP - 3
|
NEC[NEC] NEC Corp. NEC, Corp.
|