PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
G1402-15 |
Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
|
Global Mixed-mode Techn...
|
TLV2772ID |
<font color=red>[Old version datasheet]</font> 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT DUAL OPERATIONAL AMPLIFIERS
|
TI store
|
LP08-211 |
10.0mV High Slew Rate Rail-to-Rail CMOS Operational Amplifier, 8L PDIP 1 ELEMENT, 0.21 uH, GENERAL PURPOSE INDUCTOR, SMD
|
ICE Components, Inc.
|
M38747M4T-XXXFS M38747M4T-XXXGP M38748E4T-XXXFS M3 |
DCM37PP Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-SOIC 0 to 70 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-SOIC -40 to 85 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-SOIC 0 to 70 Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC 0 to 70 Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 0 to 70 BATTERY, SILVER OXIDE, V317; Voltage, output:1.5V; Capacity, energy storage:12.5mAh; Technology, Battery:Silver Oxide; Length / Height, external:1.7mm; Diameter, body:5.8mm; Battery size code:Button; Weight:0.18g RoHS Compliant: NA BATTERY, SILVER OXIDE, V315; Voltage, output:1.5V; Capacity, energy storage:21mAh; Technology, Battery:Silver Oxide; Length / Height, external:1.6mm; Diameter, body:7.9mm; Battery size code:Button; Weight:0.33g RoHS Compliant: NA BATTERY, SILVER OXIDE, V319; Voltage, output:1.5V; Capacity, energy storage:18mAh; Technology, Battery:Silver Oxide; Length / Height, external:2.7mm; Diameter, body:5.8mm; Battery size code:Button; Weight:0.31g RoHS Compliant: NA Global Limit Switches Series GLS: Wobble - Coil Spring, 2NC Slow Action, 20 mm CABLE FLAT FLEX 16POS 1MM 2,1 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-SOIC -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-MSOP -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-PDIP -40 to 125 Single 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier w/Shutdown 8-PDIP 0 to 70 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机 192280030 单芯位CMOS微机 Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 14-SOIC -40 to 85 单芯位CMOS微机 Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 10-MSOP -40 to 85 单芯位CMOS微机 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 14-SOIC 0 to 70 单芯位CMOS微机 Quad 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier with Shutdown 16-TSSOP -40 to 85
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Renesas Electronics, Corp. http:// Mitsubishi Electric Sem...
|
MC33501SNT1 MC33503SNT1 MC33501 MC33503 |
1.0 V, Rail-to-Rail, Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 1V, Rail-to-Rail, Single Operational Amplifier
|
ONSEMI[ON Semiconductor]
|
KBPC102 KBPC106 KBPC108 KBPC110 KBPC1005 KBPC101 K |
SINGLE PHASE GLASS BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-TSSOP -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
http:// CHENYI[Shanghai Lunsure Electronic Tech] 上海朗硕科技有限公司
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
KBPC1016F_W KBPC1000F_W KBPC1000FW KBPC1001F_W KBP |
Silicon-Bridge Recitifers Rail-To-Rail uPower Advanced LinCMOS(TM) Dual Operational Amplifier 10-CFP -55 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC 0 to 70 Quad Rail-To-Rail uPower Operational Amplifier 14-TSSOP 0 to 70 RES 365K 1% .063W
|
SEMIKRON[Semikron International]
|
ADM6315 ADM6315-25D2ART-RL ADM6315-25D2ART-RL7 ADM |
Voltage Detector 电压检测器 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Rail-to-Rail Current Sense Amplifier Micropower Ring Tone Generator Synchronous, Step-Down 800kHz PWM DC/DC Converter 2.5 V to 5 V at 100 mV Increments Supervisory Circuit in 4-Lead SOT-143
|
ON Semiconductor Electronic Theatre Controls, Inc. Analog Devices, Inc. Xicon Passive Components
|
|