PART |
Description |
Maker |
LTC3250-1.2 3250FA LTC3250ES6-1.5 LTC3250ES6-1.2 L |
From old datasheet system High Efficiency, Low Noise,
Inductorless Step-Down
DC/DC Converter High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.35 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6
|
Cypress Semiconductor Corp. Linear Technology, Corp.
|
BYW29FP-200 5011 BYW29G-200 BYW29-200 BYW29F-200 B |
Low noise low drop voltage regulator with shutdown function From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES HIGH EFFICIENCY FAST RECOVERY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LTC1438 LTC1439 LTC1439IG LTC1439IGW LTC1438IG-ADJ |
From old datasheet system Dual High Efficiency/ Low Noise/ Synchronous Step-Down Switching Regulators Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
LINER[Linear Technology]
|
BL8530 |
PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
|
SHANGHAI BELLING CO., LTD.
|
LTC1538CG-AUX |
Dual High Efficiency,low Noise, Synchronousstep-down Switching Regulators
|
LINEAR
|
SC604A SC604AIMLTR SC604AIMLTRT SC604EVB |
Low Noise, High Efficiency Regulated White LED Driver
|
Semtech Corporation
|
LT1172CS8TR |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
LINEAR TECHNOLOGY CORP
|
AAT1147IJS-0.6-T1 |
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
|
Advanced Analogic Technologies
|
BD8967FVM |
Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
BD8961NV-E2 |
Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
LTC3250-1.5 3250F |
250mA High Efficiency, Low Noise Inductorless Step-Down DC/DC Converter From old datasheet system
|
Linear
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|