PART |
Description |
Maker |
SST406 SST404 SST404-6 SST405 |
MOSFET Driver IC; MOSFET Driver Type:Single Driver, High Side Non-Inverting; Peak Output High Current, Ioh:1A; Rise Time:50ns; Fall Time:35ns; Load Capacitance:2000pF; Package/Case:8-SOIC; Supply Voltage Max:16.5V (SST404 - SST406) N-Channel JFET Monolithic Dual
|
Calogic LLC CALOGIC[Calogic, LLC]
|
MAX16834 MAX16834ATP_V MAX16834AUP_V MAX16834ATP/V |
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
|
Maxim Integrated Products Maxim Integrated Produc...
|
MT4118-HR MT4118-O MT2118-G MT1418-RG MT3418-Y MT4 |
Standar Standard T-1 3/4 LED Lamps Standar标准T - 1 3 / 4个LED MOSFET Driver IC; MOSFET Driver Type:Single Driver, Low Side Inverting; Peak Output High Current, Ioh:12A; Rise Time:20ns; Fall Time:24ns; Load Capacitance:15000pF; Package/Case:8-PDIP; Number of Drivers:1; Supply Voltage Max:18V
|
Marktech Optoelectronics MARKTECH[Marktech Corporate]
|
L6747C |
High Current MOSFET Driver
|
ST Microelectronics
|
LB1231 LB1233 LB1232 LB1234 |
High-Voltage, Large Current Darligton Transistor Array High-Voltage, High- Current Darlington Transistor Array PERIPHERAL DRIVER,7 DRIVER,BIPOLAR,DIP,16PIN,PLASTIC Septuple Peripheral Driver From old datasheet system High-Voltage / High- Current Darlington Transistor Array
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp Sanyo Electric Co.,Ltd.
|
MT-12864A MT12864A |
MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes MT12864A
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
MT2030-HRG MT2030-YG MT2030-RG MT2030-HR |
T-1 Two Leaded Tri-State LED Lamps 的T 1 2引线三州LED灯具 MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting & Non-Inverting; Peak Output High Current, Ioh:3A; Rise Time:23ns; Fall Time:25ns; Load Capacitance:1800pF; Package/Case:8-DIP; Number of Drivers:2 IC,Dual MOSFET Driver,BCDMOS,DIP,8PIN,PLASTIC RoHS Compliant: Yes Marktech 2 Leaded 3mm Tri−State LEDs
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TD62064APA E005626 |
From old datasheet system 4CH HIGH-CURRENT DARLINGTON SINK DRIVER 4CH HIGH-CURRENT DRALINGTON SINK DRIVER
|
TOSHIBA[Toshiba Semiconductor]
|
TPD7101F |
0.4 A BUF OR INV BASED MOSFET DRIVER, PDSO24 2 channel High-Side N-ch Power MOSFET Gate Driver
|
Toshiba Semiconductor
|